Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7347DQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7347DQ
Description  AUTOMOTIVE COMPLIANT 500mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7347DQ Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7347DQ Datasheet HTML 1Page - Diodes Incorporated AP7347DQ Datasheet HTML 2Page - Diodes Incorporated AP7347DQ Datasheet HTML 3Page - Diodes Incorporated AP7347DQ Datasheet HTML 4Page - Diodes Incorporated AP7347DQ Datasheet HTML 5Page - Diodes Incorporated AP7347DQ Datasheet HTML 6Page - Diodes Incorporated AP7347DQ Datasheet HTML 7Page - Diodes Incorporated AP7347DQ Datasheet HTML 8Page - Diodes Incorporated AP7347DQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP7347DQ
Document number: DS42799 Rev. 5 - 2
2 of 18
www.diodes.com
July 2022
© Diodes Incorporated
AP7347DQ
Typical Applications Circuit
AP7347DQ
VIN
EN
GND
VOUT
VIN
VOUT
CIN
1
μF
COUT
1
μF
OFF
ON
Pin Descriptions
Pin Number
Pin Name
Function
SOT25 (Type A1)
DFN2020-6
(wettable)
1
6
VIN
Power Input Pin
2
3
GND
Ground
3
4
EN
Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin
high enables the regulator, while pulling it low puts the regulator into shutdown mode
4
2, 5
NC
No Connect
Not connected internally; recommended to connect to GND to maximize PCB copper
for thermal dissipation.
5
1
VOUT
Power Output Pin
-
EP
Expose Pad
In PCB layout, prefer to use large copper area to cover this pad for better thermal
dissipation, then connect this area to GND or leave it open. However, do not use it as
GND electrode function alone
Functional Block Diagram
GND
VOUT
VIN
EN
Current Limit
VREF
Thermal
Shutdown
AP7347DQ (With Discharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com