Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I74F166D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # I74F166D
Description  8-bit bidirectional universal shift register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

I74F166D Datasheet(HTML) 3 Page - NXP Semiconductors

  I74F166D Datasheet HTML 1Page - NXP Semiconductors I74F166D Datasheet HTML 2Page - NXP Semiconductors I74F166D Datasheet HTML 3Page - NXP Semiconductors I74F166D Datasheet HTML 4Page - NXP Semiconductors I74F166D Datasheet HTML 5Page - NXP Semiconductors I74F166D Datasheet HTML 6Page - NXP Semiconductors I74F166D Datasheet HTML 7Page - NXP Semiconductors I74F166D Datasheet HTML 8Page - NXP Semiconductors I74F166D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74F166
8-bit bidirectional universal shift register
Feb. 14, 1991
3
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
Ds
D0
D1
D2
D3
CE
CP
GND
PE
D7
Q7
D6
D5
D4
MR
SP000283
LOGIC SYMBOL
Ds D0 D1 D2 D3 D4 D5 D6 D7
VCC = Pin 16
GND = Pin 8
12
34
5
10 11 12 14
13
Q7
CE
CP
MR
PE
6
7
9
15
SF00284
IEC/IEEE SYMBOL
9
15
SRG 8
1, 3D
2, 3D
13
R
M1 [SHIFT]
M2 [LOAD]
6
7
1
C3/1
1
2
3
4
5
10
11
12
14
2,3D
SF00285
FUNCTION TABLE
INPUTS
Qn REGISTER
OUTPUT
OPERATING MODE
PE
CE
CP
DS
D0 –D7
Q0
Q1 – Q6
Q7
l
l
↑
X
l – l
L
L – L
L
Parallel load
l
l
↑
X
h – h
H
H – H
H
h
l
↑
l
X – X
L
q0 – q5
q6
Serial shift
h
l
↑
h
X – X
H
q0 – q5
q6
X
h
X
X
X – X
qn
q1 – q6
q7
Hold (do nothing)
Notes to function table
1. H = High–voltage level
2. h
= High voltage level one setup time before the low–to–high clock transition
3. L
= Low–voltage level
4. l
= Low voltage level one setup time before the low–to–high clock transition
5. qn = Lower case letters indicate the state of the referenced input (or output) one setup time prior to the low–to–high clock transition
6. X = Don’t care
7.
↑ = Low–to–high clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com