Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2712Y Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC2712Y
Description  Silicon NPN Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC2712Y Datasheet(HTML) 2 Page - Weitron Technology

  2SC2712Y Datasheet HTML 1Page - Weitron Technology 2SC2712Y Datasheet HTML 2Page - Weitron Technology 2SC2712Y Datasheet HTML 3Page - Weitron Technology 2SC2712Y Datasheet HTML 4Page - Weitron Technology 2SC2712Y Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transition Frequency
(IC= 1 mAdc,VCE=10 Vdc)
fT
DC Current Gain
(I = 2 mAdc,VCE= 6.0 Vdc)
Collector-Emitter Saturation Voltage
(IC= 100 mAdc, IB= 10mAdc)
VCE(sat)
-
-
0.1
-
80
-
-
700
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
2SC2712
hFE
70
MHz
CLASSIFICATION OF hFE
Rank
Range
O
GR
BL
350-700
LL
70-140
200-400
0.25
WEITRON
http://www.weitron.com.tw
Output Capacitance
(V =10Vdc, I =0A, f=1MHZ)
CB
E
Cob
PF
Typ
2.0
3.5
-
Y
120-240
Marking
LO
LY
LG
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com