Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9563RNXC-TR Datasheet(PDF) 221 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 221 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 217Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 218Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 219Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 220Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 221Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 222Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 223Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 224Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 225Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 221
KSZ9563R
Section 5.1.6.11, "Global
PTP Message Config 1 Reg-
ister"
Updated bit 7 and 0 to RESERVED.
Section 5.1.6.14, "Global
PTP Unit Index Register"
Added missing reserved fields.
Section 5.1.6.17, "Time-
stamp Control and Status
Register"
Updated bit 6 description.
DS00002419B (02-15-18)
Table 1-2, "Buffer Types"
Updated Table 1-2
Table 3-2, "Pin Descriptions"
Updated Buffer Types
Section 4.0, "Functional
Description"
Added hyper link to LED section.
Section 4.1.9, "Remote PHY
Loopback"
New section added.
Section 4.2, "LEDs"
New section added.
Section 4.4.14, "Egress Traf-
fic Shaping"
Modified this section.
Table 4-26, "Standard MIIM
Registers"
Modified table.
Section 4.9, "Management
Interface", Section 4.9.3,
"MII Management (MIIM)
Interface"
Modified these sections.
Section 5.0, "Device Regis-
ters", Table 5-2, "Port N (1-
3) Register Address
Map",Section 5.1.6.14,
"Global PTP Unit Index Reg-
ister", Section 5.2.2.10,
"PHY 1000BASE-T Control
Register", Section 5.4,
"MDIO Manageable Device
(MMD) Registers (Indirect)",
Table 5-7, "MMD Register
Map", Section 5.4.1, MMD
LED Mode Register,
Section 5.4.3, MMD EEE
Advertisement Register
Modified these sections.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com