Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9563RNXC-TR Datasheet(PDF) 224 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 224 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 218Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 219Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 220Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 221Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 222Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 223Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 224Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 225Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 226Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 224 / 226 page
background image
KSZ9563R
DS00002419D-page 224
 2017-2018 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
KSZ9563R = 3-Port Switch with 1 RGMII/MII/RMII Interface
Package:
NX
= 64-pin VQFN
Temperature
Range:
C=
0
C to +70C
(Commercial)
I= -40
C to +85C
(Industrial)
Tape and Reel
Option:
Blank = Standard packaging (tray)
-TR
= Tape and Reel (Note 1)
Examples:
a)
KSZ9563RNXC
64-pin VQFN package,
Commercial temperature,
Standard packaging
b)
KSZ9563RNXI-TR
64-pin VQFN package,
Industrial temperature,
Tape and reel
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
X
XX
Package
Temp.
Device
[XX]( 1)
Tape & Reel
Option
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com