Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33151-05-E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP33151-05-E/MS
Description  1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151-05-E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP33151-05-E/MS Datasheet HTML 17Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 18Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 19Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 20Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 21Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 22Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 23Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 24Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
 2019 Microchip Technology Inc.
DS20006220A-page 21
MCP33151/41-XX
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V, VREF = 5V,
GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33141-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33141-05: Sample Rate (fS) = 500 ksps, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 3-19:
SNR/SINAD vs. Input
Frequency: VREF =5V.
FIGURE 3-20:
THD/SFDR vs. Input
Frequency: VREF =5V.
FIGURE 3-21:
SNR/SINAD vs. Input
Amplitude: VREF =5V.
FIGURE 3-22:
SNR/SINAD vs. Input
Frequency: VREF =1.8V.
FIGURE 3-23:
THD/SFDR vs. Input
Frequency: VREF =1.8V.
FIGURE 3-24:
SNR/SINAD vs. Input
Amplitude: VREF =1.8V.
1
10
100
200
Input Frequency (kHz)
72
72.1
72.2
72.3
72.4
72.5
SNR (dB)
SINAD(dB)
V
REF
= 5V
1
10
100
200
Input Frequency (kHz)
-105
-100
-95
-90
-85
-80
-75
75
80
85
90
95
100
105
THD (dB)
SFDR (dB)
V
REF
= 5V
-30
-25
-20
-15
-10
-5
0
Input Amplitude (dBFS)
72
72.1
72.2
72.3
72.4
72.5
SNR (dB)
SINAD(dB)
V
REF
= 5V
1
10
100
200
Input Frequency (kHz)
68
68.5
69
69.5
70
70.5
71
SNR (dB)
SINAD(dB)
V
REF
= 1.8V
1
10
100
200
Input Frequency (kHz)
-105
-100
-95
-90
-85
-80
-75
75
80
85
90
95
100
105
THD (dB)
SFDR (dB)
V
REF
= 1.8V
-30
-25
-20
-15
-10
-5
0
Input Amplitude (dBFS)
69.5
69.7
69.9
70.1
70.3
70.5
SNR (dB)
SINAD(dB)
V
REF
= 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com