Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3490 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC3490
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC3490 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC3490 Datasheet HTML 12Page - Microchip Technology MIC3490 Datasheet HTML 13Page - Microchip Technology MIC3490 Datasheet HTML 14Page - Microchip Technology MIC3490 Datasheet HTML 15Page - Microchip Technology MIC3490 Datasheet HTML 16Page - Microchip Technology MIC3490 Datasheet HTML 17Page - Microchip Technology MIC3490 Datasheet HTML 18Page - Microchip Technology MIC3490 Datasheet HTML 19Page - Microchip Technology MIC3490 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2019 Microchip Technology Inc.
DS20006137A-page 17
MIC3490
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC3490-1.8YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 1.8V, -40°C to
+125°C, SOT23-5, 3000/Reel
b) MIC3490-2.5YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 2.5V, -40°C to
+125°C, SOT23-5, 3000/Reel
c) MIC3490-3.0YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 3.0V, -40°C to
+125°C, SOT23-5, 3000/Reel
d) MIC3490-3.3YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 3.3V, -40°C to
+125°C, SOT23-5, 3000/Reel
e) MIC3490-5.0YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V, -40°C to
+125°C, SOT23-5, 3000/Reel
PART NO.
XXX
Package
Device
Device:
MIC3490:
High Input Voltage, Low IQ µCap
LDO Regulator
Output Voltage:
1.8 = 1.8V
2.5 = 2.5V
3.0 = 3.0V
3.3 = 3.3V
5.0 = 5.0V
Junction
Temperature Range:
Y
= -40°C to +125°C
Package:
M5 =
5-Lead SOT23
Media Type:
TR = 3000/Reel (SOT23 Only)
X
Junction
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
-XX
Media Type
-X.X
Output
Voltage
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com