Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7348 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7348
Description  4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7348 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7348 Datasheet HTML 1Page - Diodes Incorporated AP7348 Datasheet HTML 2Page - Diodes Incorporated AP7348 Datasheet HTML 3Page - Diodes Incorporated AP7348 Datasheet HTML 4Page - Diodes Incorporated AP7348 Datasheet HTML 5Page - Diodes Incorporated AP7348 Datasheet HTML 6Page - Diodes Incorporated AP7348 Datasheet HTML 7Page - Diodes Incorporated AP7348 Datasheet HTML 8Page - Diodes Incorporated AP7348 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP7348
Document number: DS42124 Rev. 3 - 2
3 of 15
www.diodes.com
August 2020
© Diodes Incorporated
AP7348
Functional Block Diagram
OCP
OTP
Vref
OCP
OCP
OTP
Vref
OCP
VDD
VOUT1
VOUT3
VOUT2
VOUT4
GND
GND
GND
EN2
EN1
AP7348 (With Discharge)
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Mode ESD Protection
±2
kV
ESD CDM
Charge Device Model
±500
V
VDD
Input Voltage
6.0
V
VEN
Input Voltage for EN Pins
6.0
V
VOUT
Output Voltage
-0.3 to VDD + 0.3
V
IOUT
Each Channel Output Current
300
mA
PD (Note 5)
Power Dissipation
600
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Notes:
4. a). Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period can affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2 inch
 2 inch multilayer board with
1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
5. Even though AP7348 would provide each channel 300mA, user still need consider power dissipation can
’t over 600mW, or it will enable OTP function
and get abnormal output voltage.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VDD
Input Voltage
1.7
5.25
V
IOUT
Each Channel Output Current
0
300
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com