Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F242 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F242
Description  Quad transceiver, inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F242 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F242 Datasheet HTML 1Page - NXP Semiconductors 74F242 Datasheet HTML 2Page - NXP Semiconductors 74F242 Datasheet HTML 3Page - NXP Semiconductors 74F242 Datasheet HTML 4Page - NXP Semiconductors 74F242 Datasheet HTML 5Page - NXP Semiconductors 74F242 Datasheet HTML 6Page - NXP Semiconductors 74F242 Datasheet HTML 7Page - NXP Semiconductors 74F242 Datasheet HTML 8Page - NXP Semiconductors 74F242 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F242/74F243
Transceivers
74F242 Quad Transceiver, Inverting (3-State)
74F243 Quad Transceiver (3-State)
2
1990 Aug 30
853–0356 00285
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B1
B2
B3
B0
OEB
NC
OEA
NC
A3
A0
A1
A2
SF00765
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F242
4.3ns
31.2mA
74F243
4.0ns
66mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
14-pin plastic DIP
N74F242N, N74F243N
SOT27-1
14-pin plastic SO
N74F242D, N74F243D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
An, Bn
Data inputs (74F242)
3.5/1.67
70
µA/1.0mA
An, Bn
Data inputs (74F243)
3.5/2.67
70
µA/1.6mA
OEA
Output enable input (active Low)
1.0/1.67
20
µA/1.0mA
OEB
Output enable input
1.0/1.67
20
µA/1.0mA
An, Bn
Data outputs
750/106.7
15mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOLS
B0
B1
B2
B3
11
10
98
VCC = Pin 14
GND = Pin 7
1
13
A1
A2
56
SF00767
A3
A0
34
OEA
OEB
74F242
B0
B1
B2
B3
11
10
98
VCC = Pin 14
GND = Pin 7
1
13
A1
A2
56
SF00768
A3
A0
34
OEA
OEB
74F243



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com