Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F241 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F241
Description  Octal inverter buffer 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F241 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F241 Datasheet HTML 3Page - NXP Semiconductors 74F241 Datasheet HTML 4Page - NXP Semiconductors 74F241 Datasheet HTML 5Page - NXP Semiconductors 74F241 Datasheet HTML 6Page - NXP Semiconductors 74F241 Datasheet HTML 7Page - NXP Semiconductors 74F241 Datasheet HTML 8Page - NXP Semiconductors 74F241 Datasheet HTML 9Page - NXP Semiconductors 74F241 Datasheet HTML 10Page - NXP Semiconductors 74F241 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F240/74F240A/
74F241/74F241A
Buffers
January 2, 1991
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 1
3.0
2.0
4.5
3.0
6.5
4.5
3.0
2.0
7.5
5.0
ns
tPZH
tPZL
Output enable time
to high or low level
74F240
Waveform 3
Waveform 4
3.0
4.5
5.0
6.5
7.5
8.5
3.0
4.0
9.0
10.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
3.0
3.0
5.5
5.0
7.0
7.0
3.0
3.0
7.5
7.5
ns
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 1
2.5
2.0
4.0
3.5
5.5
5.5
2.0
2.0
6.5
6.0
ns
tPZH
tPZL
Output enable time
to high or low level
74F240A
Waveform 3
Waveform 4
2.0
3.5
4.0
5.0
6.5
7.5
2.0
3.0
7.0
8.5
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
2.0
1.5
3.5
2.5
6.0
5.0
1.5
1.0
6.5
5.5
ns
tsk(0)
Output skew1, 2
Waveform 5
1.5
2.0
ns
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 2
2.5
2.5
4.0
4.0
5.2
5.2
2.5
2.5
6.2
6.5
ns
tPZH
tPZL
Output enable time
to high or low level
74F241
Waveform 3
Waveform 4
2.0
2.0
4.0
5.0
5.7
7.0
2.0
2.0
6.7
8.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
2.0
2.0
4.0
4.0
6.0
6.0
2.0
2.0
7.0
7.0
ns
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 2
2.5
2.5
4.5
4.5
5.8
5.8
2.5
2.5
6.5
6.5
ns
tPZH
tPZL
Output enable time
to high or low level
74F241A
Waveform 3
Waveform 4
2.5
3.5
4.5
5.0
6.0
7.0
2.0
3.0
6.7
8.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
2.0
1.5
4.0
3.5
6.0
5.5
1.5
1.0
6.5
6.0
ns
tsk(0)
Output skew1, 2
Waveform 5
1.5
2.0
ns
Notes to AC electrical characteristics
1. | tPN actual – tPM actual| for any output compared to any other output where N and M are either LH or HL.
2. Skew times are valid only under same test conditions (temperature, VCC, loading, etc.,).
AC WAVEFORMS
Ian, Ibn
VM
VM
VM
VM
tPLH
tPHL
Yn
SF00328
Waveform 1. Propagation delay for inverting outputs
Ian, Ibn
VM
VM
VM
VM
tPHL
tPLH
Yn
SF00329
Waveform 2. Propagation delay for non–invertIng outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com