Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4448 Datasheet(PDF) 3 Page - Weitron Technology

Part # LL4448
Description  Surface Mount Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL4448 Datasheet(HTML) 3 Page - Weitron Technology

  LL4448 Datasheet HTML 1Page - Weitron Technology LL4448 Datasheet HTML 2Page - Weitron Technology LL4448 Datasheet HTML 3Page - Weitron Technology LL4448 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
http//www.weitron.com.tw
LL4148/LL4448
104
103
102
10
1
nA
VR=20V
0
100
200 C
2nF
5K
D.U.T.
V R F=2V
60
V O
Ω
Ω
RECITIFICATION EFFICIENCY
MEASUREMENT CIRCUIT
FIG 1, LEAKAGE CURRENT VERSUS
JUNCTION TEMPERATURE
V =tp /T T =1/fp
IFR M
tp
T
n=0
0.1
0.2
0.5
10-4
10-3
10-2
10-4
10-1
1
10S
tp
1
100
10
0.1
A
IFRM
FIG 2, ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com