Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC Datasheet(PDF) 2 Page - C&K Components

Part # LC
Description  Small Size Precision Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LC Datasheet(HTML) 2 Page - C&K Components

  LC Datasheet HTML 1Page - C&K Components LC Datasheet HTML 2Page - C&K Components LC Datasheet HTML 3Page - C&K Components LC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J
J–37
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
LC Series
Small Size Precision Snap-acting Switches
SERIES
OPERATING FORCE
ELECTRICAL RATING
LC  SMALL SIZE PRECISION SNAP-ACTING SWITCHES
SP MOMENTARY
0.297
(7,54)
NOTE: Operating force varies with actuator option, see ACTUATOR option section.
Consult Customer Service Center for availability and delivery of nonstandard ratings.
*Low Level = conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
CONTACT MATERIAL
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
OPTION CODE
ELECTRICAL RATING
MOVABLE
CONTACT
STATIONARY
CONTACT
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
X1
1A GP, 250 Vac, 50/60 Hz, 25E3, T85
1RA, 30 Vdc, 1E4, T85
Fine silver with
24K
gold plate
Fine silver with 24K gold
plate on copper base
alloy
Yes
Yes
V6
5(2)A RM, 250 Vac, 50/60 Hz, 1E4, T85
5A GP, 250 Vac, 50/60 Hz, 1E4, T85
5RA, 30 Vdc, 1E4, T85
1/3 HP, 125/250 Vac, 50/60 Hz, 1E4, T85
Fine silver
Fine silver welded on
copper base alloy
Yes
Yes
V7
10(2)A RM, 250 Vac, 50/60 Hz, 1E4, T85
10A GP, 250 Vac, 50/60 Hz, 1E4, T85
10RA, 30 Vdc, 1E4, T85
1/3 HP, 125/250 Vac, 50/60 Hz, 1E4, T85
Fine silver
Fine silver welded on
copper base alloy
Yes
Yes
CONTACT MATERIAL
OPTION CODE
ELECTRICAL RATING
MOVABLE
CONTACT
STATIONARY
CONTACT
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
F5
1A, 125 V AC, 30 VDC
100,000 cycles (“U” option)
Fine silver with
24K
gold plate
Fine silver with 24K gold
plate on copper base
alloy
Yes
Yes
L9
5A, 1/3 HP @ 125 and 250 V AC
100,000 cycles (“U” option)
Fine silver
Fine silver welded on
copper base alloy
Yes
Yes
M1
10.1A, 1/3 HP @ 125 and 250 V AC
100,000 cycles (“U” option)
Fine silver
Fine silver welded on
copper base alloy
Yes
Yes
UL 61058-1
UL 1054
6
170
GH
3.3
94
GD
5
142
GG
BASICSWITCH
OPERATING FORCES
(OZ./GRAMS)
OPTION CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com