Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW Datasheet(PDF) 1 Page - C&K Components

Part # LCW
Description  Subminiature Sealed Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCW Datasheet(HTML) 1 Page - C&K Components

  LCW Datasheet HTML 1Page - C&K Components LCW Datasheet HTML 2Page - C&K Components LCW Datasheet HTML 3Page - C&K Components LCW Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J
J–44
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
LCW Series
Subminiature Sealed Snap-acting Switches
Features/Benefits
• Compact design
• Quick connect, solder terminals,
PC terminals, wire leads
• Wide variety of actuator styles
• RoHS compatible, RoHS compliant
• IP67
• New generation price competitive
Typical Applications
• Motorized equipment
• Sump pump
• Thermostatic controls
• Computers
• Air conditioners
Specifications
CONTACT RATING: from low level to 0.1 Amp
ELECTRICAL LIFE: 10,000 cycles
INSULATION RESISTANCE: 100 M ohm min.
DIELECTRIC STRENGTH: 1,000 VAC
OPERATING TEMPERATURE:
-40ºC to +120ºC
OPERATING FORCE: (see ACTUATOR’S option sections).
MOUNTING: 2-56 screws, torque 2.3 in/lbs max.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Materials
SWITCH HOUSING: PBT
SWITCH COVER: PBT
ACTUATOR BUTTON: PBT
SPRING: SUS
MOVABLE CONTACTS: Copper
STATIONARY CONTACTS: AgNi10
TERMINALS: Brass.
ACTUATOR LEVEL: SUS
RUBBER: Silicone
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-44 thru J-47. For additional options not shown in catalog, consult Customer Service Center.
Series
LCW
Electrical Rating
Actuator
P00 Pin plunger
T00 12 mm short lever
T05 17.5 mm short lever
T07 19.5 mm short lever
T13 25.6 mm lever
S26 18.6 mm simulated lever
Terminations
S Solder
Q 0.110 Quick Connect
P PC Thru Hole
W Wire leads potted
Wire Side
A Wire out the bottom (check if available)
B Wire out the right side (check if available)
D None (Default)
L C W
Operating Force
2
203 grams
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Option
Code
01
0
.1 A 125/250 V AC
NA
UL
61058-1
14
UL61058-1
NEW
26 Feb 19


Similar Part No. - LCW

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCW G6CP-DBFA-4U9X AMSOSRAM-LCW G6CP-DBFA-4U9X Datasheet
1Mb / 26P
Advanced Power TOPLED®
2020-06-29
LCW G6CP-EAFB-4J8K AMSOSRAM-LCW G6CP-EAFB-4J8K Datasheet
1Mb / 26P
Advanced Power TOPLED®
2020-06-29
LCW G6CP-EAFB-4L8N AMSOSRAM-LCW G6CP-EAFB-4L8N Datasheet
1Mb / 26P
Advanced Power TOPLED®
2020-06-29
LCW G6CP-EAFB-4O9Q AMSOSRAM-LCW G6CP-EAFB-4O9Q Datasheet
1Mb / 26P
Advanced Power TOPLED®
2020-06-29
LCW G6CP-EAFB-4R9T AMSOSRAM-LCW G6CP-EAFB-4R9T Datasheet
1Mb / 26P
Advanced Power TOPLED®
2020-06-29
More results

Similar Description - LCW

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
Subminiature Snap-acting Switches
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
Subminiature Snap-acting Switches
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
Subminiature Snap-acting Switches
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
Subminiature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA_V01 Datasheet
397Kb / 4P
Subminiature Snap-acting Switches
2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com