| Electronic Components Datasheet Search |
|
MB05 Datasheet(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
MB05 Datasheet(HTML) 5 Page - C&K Components |
|
5 / 5 page ![]() K–17 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com K M Series Half-inch Rotary Switches SEAL P/N 537100000 P/N 537202000 36 º Indexing Models Top View 30 º Indexing Models Top View Fig. 1 Fig. 2 Fig. 3 36 º Indexing Models Top View 30 º Indexing Models Top View Fig. 4 Fig. 5 Fig. 6 F SPLASHPROOF SHAFT AND PANEL SEAL IP67 approved D NO EPOXY SEAL Setting Stops With Stop Pins MA00, MB00, MC00 & MD00 Models Only: The number of switch positions or stops are adjustable by means of stop pins provided with each switch. Switches are normally shipped with stop pins and hardware in bulk, not installed. Without stop pins, switches have full 360º rotation and no stops. Note that all two pole models begin to repeat when actuated 180º or more. To set stops, refer to figures 1 & 2. Orient switch so that terminal no. 1 is as shown. Turn actuator to position 1, using flats on bushing and terminal no. 1 as reference. Install CCW stop pin in hole designated ‘X’. Install second stop pin in hole number corresponding to the number of positions desired. Note that two pole models will begin to repeat when actuated 180º or more. To retain stop pins, use adhesive mylar washer included; see figure 3. All models except MX00 models have number of switch positions or stops pre-set at factory and are not adjustable. Hardware: Two stop pins, mounting nut, and lockwasher supplied standard. Setting Stops With Stop Rings ME00, MF00, MG00 & MH00 Models Only: The number of switch positions or stops are adjustable by means of stop rings provided with each switch. These models are normally shipped with stop rings and hardware in bulk, not installed. Without stop rings, switches have full 360º rotation and no stops. Note that all two pole models begin to repeat when actuated 180º or more. To set stops refer to figures 4 & 5. Orient switch so that terminal no. 1 is as shown. Turn actuator to pos. 1 using flats on bush- ing and terminal no. 1 as reference. See figure 6 and install inner stop ring with short tab in hole designated ‘X’. Install outer stop ring with long tab in hole number corresponding to the number of positions desired. Note that all two pole models begin to repeat when actuated 180º or more. Use mounting nut and lockwasher to retain stop rings. All MEXX, MFXX, MGXX & MHXX Models (Except MX00 models): Number of switch positions or stops are preset at factory, but are user adjustable. Hardware: Two stop rings, mounting nut and lockwasher supplied standard. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |