Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBT4401
Description  Switching Transistor NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT4401 Datasheet(HTML) 3 Page - Weitron Technology

  MMBT4401 Datasheet HTML 1Page - Weitron Technology MMBT4401 Datasheet HTML 2Page - Weitron Technology MMBT4401 Datasheet HTML 3Page - Weitron Technology MMBT4401 Datasheet HTML 4Page - Weitron Technology MMBT4401 Datasheet HTML 5Page - Weitron Technology MMBT4401 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC , COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30 50
3.0
2.0
3.0
5.0
7.0
10
1.0
10
20
50 70 100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Cobo
QT
QA
25 C
105 C
T R A NS IE NT C HA R A C T E R IS T IC S
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
Figure 5. Turn-On T ime
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 6. Rise and Fall Times
IC, COLLECTOR CURRENT (mA)
70
100
10
20
50 70 100
200 300
500
30
IC/IB= 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td@ VEB = 2.0 V
td@ VEB = 0
20
30
50
5.0
10
7.0
70
100
10
20
50 70 100
200
300
500
30
VCC = 30 V
IC/IB = 10
tr
tf
Figure 1. Turn-On T ime
Figure 2. Turn-Off T ime
SWITCHINGTIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+16 V
- 2.0 V
< 2.0 ns
0
1.0 to 100ms,
DUTY CYCLE 2.0%
1.0 k
+ 30 V
200W
W
W
CS* < 10 pF
+16 V
-14 V
0
< 20 ns
1.0 to 100 m s,
DUTY CYCLE 2.0%
1.0 kW
+ 30 V
200
CS* < 10 pF
- 4.0 V
--
--
MMBT4401
WEITRON
http://www.weitron.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com