Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4403 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBT4403
Description  Switching Transistor PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT4403 Datasheet(HTML) 2 Page - Weitron Technology

  MMBT4403 Datasheet HTML 1Page - Weitron Technology MMBT4403 Datasheet HTML 2Page - Weitron Technology MMBT4403 Datasheet HTML 3Page - Weitron Technology MMBT4403 Datasheet HTML 4Page - Weitron Technology MMBT4403 Datasheet HTML 5Page - Weitron Technology MMBT4403 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT4403
Small-signal Characteristics
Current-Gain-Bandwidth Product (4)
(IC= -20 mAdc, VCE= -10 Vdc, f=100MHz)
Collector-Base Capacitance
(VCB= -10 Vdc, IE=0, f=1.0MHz)
Emitter-Base Capacitance
(VEB= -0.5 Vdc, IC=0, f=1.0MHz)
Input Impedance
(VCE= -10 Vdc IC=-1.0 mAdc, f=1.0 kHz)
Voltage Feeback Radio
(VCE= -10Vdc IC=-1.0 mAdc, f=1.0 kHz)
Small-Signal Current Gain
(VCE= -10Vdc IC=-1.0 mAdc, , f=1.0 kHz)
Output Admittance
(VCE= -10Vdc IC=-1.0 mAdc, f=-1.0kHz)
fT
Ccb
Ceb
hie
hre
hfe
hoe
200
-
-
-
0.1
1.5
60
1.0
8.5
MHz
pF
pF
k ohms
x 10-4
-
µmhos
100
500
8
15
30
DC Current Gain
(IC= -0.1 mAdc, VCE= -1.0Vdc)
(IC= -1.0 mAdc, VCE= -1.0 Vdc)
(IC= -10 mAdc, VCE= -1.0Vdc)
(IC= 150 mAdc, VCE= -2.0Vdc)
(IC= -500 mAdc, VCE= -2.0Vdc)
Collector-Emitter Saturation Voltage (3)
(IC= -150 mAdc, IB= -15mAdc)
(IC= -500 mAdc, IB= -50mAdc)
Base-Emitter Saturation Voltage (3)
(IC= -150 mAdc, IB= -15 mAdc)
(IC= -500 mAdc, IB= -50 mAdc)
HFE
VCE(sat)
VBE(sat)
-
Vdc
Vdc
30
60
100
100
20
-
-
On Characteristics
-0.75
-
-
300
-
-0.4
-0.75
-0.95
-1.3
(3)
Switching Characteristics
Delay Time
Rise Time
Storage Time
Fall Time
(Vcc= -30 Vdc, VEB= -2.0 Vdc
Ic= -150 mAdc, IB1= -15 mAdc)
(Vcc= -30 Vdc,
Ic= -150 mAdc, IB1=IB2= -15 mAdc)
td
tr
ts
tf
-
-
-
-
15
20
225
30
ns
ns
WEITRON
http://www.weitron.com.tw
Electrical Characteristics (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
(3)
(3)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com