Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM-83 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SIM-83
Description  Frequency Mixer WIDE BAND
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SIM-83 Datasheet(HTML) 2 Page - Mini-Circuits

  SIM-83 Datasheet HTML 1Page - Mini-Circuits SIM-83 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Performance Charts
Page 2 of 2
SIM-83+
CONVERSION LOSS
5.0
6.0
7.0
8.0
9.0
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
at IF=31 MHz
SIM-83+
CONVERSION LOSS VARIABLE IF
6
8
10
12
14
0
500
1000
1500
2000
2500
3000
IF FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
LO=8000 MHz
SIM-83+
L-I ISOLATION
0
10
20
30
40
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
SIM-83+
SIM-83+
LO VSWR
1.0
2.0
3.0
4.0
5.0
6.0
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
SIM-83+
IP3
4
7
10
13
16
19
22
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
at IF=31 MHz
SIM-83+
L-R ISOLATION
20
25
30
35
40
45
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
SIM-83+
RF VSWR
1.0
2.0
3.0
4.0
5.0
6.0
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
SIM-83+
IF VSWR
1.0
2.0
3.0
4.0
5.0
6.0
0
500
1000
1500
2000
2500
3000
IF FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com