Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2525A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP2525A
Description  USB High-Side Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2525A Datasheet(HTML) 2 Page - Sipex Corporation

  SP2525A Datasheet HTML 1Page - Sipex Corporation SP2525A Datasheet HTML 2Page - Sipex Corporation SP2525A Datasheet HTML 3Page - Sipex Corporation SP2525A Datasheet HTML 4Page - Sipex Corporation SP2525A Datasheet HTML 5Page - Sipex Corporation SP2525A Datasheet HTML 6Page - Sipex Corporation SP2525A Datasheet HTML 7Page - Sipex Corporation SP2525A Datasheet HTML 8Page - Sipex Corporation SP2525A Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Date: 5/3/06 Rev I
SP2525A USB High-Side Power Switch
© Copyright 2006 Sipex Corporation
Supply Voltage(
V
IN)
..........................................7.0V
Fault Flag Voltage (
V
FLG)
..................................7.0V
Fault Flag Current (
I
FLG)
..................................50mA
Enable Input (
V
EN)
...............................-0.3V to 15V
Unless otherwise noted, the following specifications apply for V
IN = +5.0V, TA = 25
°C.
Operating Temperature Range.............-40˚C to +85˚C
Storage Temperature Range..............-65˚C to +150˚C
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated
in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions
for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Power Dissipation Per Package
8-pin NSOIC
(derate 6.14mW/OC above +70OC)..................500mW
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Supply Current
0.75
75
5.0
100
µA
V
EN
= Logic "0" OUT = Open
V
EN
= Logic "1" OUT = Open
Enable Input Voltage
2.4
1.7
2.0
0.8
V
V
EN
= Logic "0"
V
EN
= Logic "1"
Enable Input Current
0.01
0.01
1
1
µA
V
EN
= Logic "0"
V
EN
= Logic "1"
Enable Input Capacitance
1
pF
Output Mosfet Resistance
70
100
mΩ
Output Turn-On Delay
100
µsRL=10Ω each output
Output Turn-On Rise Time
1000
4000
µsRL=10Ω each output
Output Turn-Off Delay
0.8
20
µsRL=10Ω each output
Output Turn-Off Fall Time
0.7
20
µsRL=10Ω each output
Output Leakage Current
10
µA
Current Limit Threshold
0.6
1.0
1.25
A
Over-Temperature Shutdown
Threshold
135
125
O
C
T
J
increasing
T
J
decreasing
Error Flag Output Resistance
10
15
25
40
Ω
V
IN
= 5V,IL = 10mA
V
IN
= 3.3V,I
L
= 10mA
Error Flag Off Current
0.01
1
µAV
FLAG
= 5V
UVLO Threshold
2.6
2.4
V
V
IN
increasing
V
IN
decreasing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com