Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL10 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL10
Description  8 to 33W Non-isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL10 Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL10 Datasheet HTML 1Page - Artesyn Technologies SIL10 Datasheet HTML 2Page - Artesyn Technologies SIL10 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
8 to 33W Non-isolated DC/DC Converters
1
2 YEAR WARRANTY
SIL10 Series
Single output
• Current rating of 10A
• Outputs of between 0.8V to 3.3V - fixed and flexible
• Applications for 5V or 3.3V input POL converters
• Highest power density available today (117W/in3)
• High efficiency - up to 96% achievable on 3.3 Vout
• POL converter that saves board space - vertical or horizontal
versions
• Industry standard footprint
• Remote sense and remote ON/OFF
The SIL10 series are non-isolated DC/DC converters packaged in a single-in-line footprint giving
designers a cost effective solution for conversion from either a 5V or 3.3V input to output
voltages of 0.8V to 3.3V. The SIL10 offers both fixed outputs and wide output trim range which
allows maximum design flexibility and a pathway for future upgrades. Local voltage conversion
by the SIL10 series from existing 5V or 3.3V system voltages eliminates the need for redesign of
existing power architectures when voltage requirements change. The SIL10 is designed for
applications that include distributed power, workstations, optical network and wireless
applications. Implemented using state of the art surface mount technology and automated
manufacturing techniques, the SIL10 offers compact size and efficiencies of up to 96%.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
Fixed output versions
±10%
5Vin with wide trim
3.6V to 0.8V
3.3Vin with wide trim
2.75V to 0.8V
Setpoint accuracy
±2.7%
Line regulation
±1.0%
Load regulation
±1.0%
Minimum load
0A
Overshoot/undershoot
None
Ripple and noise
50mV pk-pk
0 to 20MHz BW
25mV rms max.
Temperature co-efficient
±0.01%/ºC
Transient response
50mV max. deviation
50µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
3.0 to 5.5VDC
Input current
No load
70mA
Input current (max.)
8A max. @ Io max.
and Vout = 3.3V
Input current ripple
65mA rms
Remote ON/OFF
(See Note 3)
Start-up time
20ms
File Name: SIL10.PDF Rev: 02 Jan 2003
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E174104
UL60950 file No. E174104
TÜV
TÜV Product Service (EN60950)
Certificate No. TBC. CB report and certificate to IEC60950
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See table
Insulation voltage
Non-isolated
Switching frequency
Fixed
300kHz typ.
Approvals and
EN60950
standards (pending)
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
50.8 x 7.8 x 12.7mm
2.0 x 0.31 x 0.5 inches
Pin length
Vertical
0.135 ±0.02 in (3.43 ±0.5mm)
Weight
5g (0.18oz)
MTBF
Telecordia 332
7,042,000
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40ºC to +100ºC
(See Note 4)
Non-operating
-40ºC to +125ºC


Similar Part No. - SIL10

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL104-100 DELTA-SIL104-100 Datasheet
83Kb / 1P
SMT Power Inductor
SIL104-101 DELTA-SIL104-101 Datasheet
83Kb / 1P
SMT Power Inductor
SIL104-150 DELTA-SIL104-150 Datasheet
83Kb / 1P
SMT Power Inductor
SIL104-151 DELTA-SIL104-151 Datasheet
83Kb / 1P
SMT Power Inductor
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
SMT Power Inductor
More results

Similar Description - SIL10

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com