Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST7 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SST7
Description  Square Ceramic Surface Mount Slow Blow Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SST7 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SST7 Datasheet HTML 1Page - Bel Fuse Inc. SST7 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
5
7
3
T
S
SA
m
5
7
30
7
.
07
4
.
05
1
.
05
1
.
05
2
.
0
0
0
5
T
S
SA
m
0
0
56
4
.
03
4
.
07
2
.
08
2
.
00
3
.
0
5
2
6
T
S
SA
m
5
2
63
3
.
09
3
.
05
4
.
07
4
.
05
3
.
0
0
5
7
T
S
SA
m
0
5
76
2
.
07
3
.
06
6
.
09
6
.
09
3
.
0
1
T
S
SA
17
1
.
04
3
.
02
.
13
.
17
4
.
0
5
.
1
T
S
SA
5
.
10
1
.
09
2
.
03
1
.
32
6
.
0
2
T
S
SA
26
0
.
04
2
.
05
7
.
58
6
.
0
5
.
2
T
S
SA
5
.
24
0
.
01
2
.
09
9
4
7
.
0
3
T
S
SA
32
3
0
.
08
1
.
04
16
10
8
.
0
5
.
3
T
S
SA
5
.
37
2
0
.
07
1
.
08
10
24
8
.
0
4
T
S
SA
43
2
0
.
06
1
.
03
26
28
8
.
0
5
T
S
SA
57
1
0
.
04
1
.
08
33
45
9
.
0
7
T
S
SA
70
1
0
.
01
1
.
00
80
98
0
.
1
Electrical Characteristics (UL/CSA STD. 248-14)
Approval
Environmental Specification
Soldering Techniques & Compatibility
Infrared Reflow: 240
°C, 20 sec max.
Wave Solder: 260ºC, 10 sec max. (MIL-STD-202, Method 210)
Operating Temperature
-55ºC to +125ºC
Shock
MIL-STD-202, Method 213,Test Condition I
(100 G’s peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10-55 Hz, 0.06 inch, total
excursion)
Salt Spray
MIL-STD-202, Method 101,Test Condition B (48Hrs)
Insulation Resistance
MIL-STD-202, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202, Method 208
Resistance to Solder Heat
MIL-STD-202, Method 210,Test Condition B
(260
°C, 10 sec)
Thermal Shock
MIL-STD-202, Method 107, Test Condition B
(-65ºC to +125ºC)
Consult manufacturer for other ratings
Type SST
Square Ceramic Surface Mount Slow Blow Fuse
SSTD0104
Physical Specification
Materials
Ceramic body / Palladium Plated Brass Caps
Marking
On fuse:
“Current Rating” in black color,“bel” stamped in end caps.
On label:
“bel”,“SST”,“Current Rating”,“Voltage Rating” Interrupting Rating “
c” plus
“Appropriate Safety Logos”
Packaging
5,000 fuses in 13 inches dia. reel, 12mm wide tape, 4mm pitch,
per EIA Standard 481
Mechanical Dimensions
g
n
it
s
e
T
t
n
e
r
r
u
c
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
0
0
2c
e
S
1c
e
S
0
6
%
0
0
3c
e
S
2
.
0c
e
S
3
%
0
0
8c
e
S
2
0
.
0c
e
S
1
.
0
Vßc
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
SR
.I
@
tl
o
V
/
e
g
n
a
r
p
m
Ay
ti
li
b
a
4
2
6
0
2
E
.
o
N
el
iF
g
n
it
si
L
5
7
3
0
5
@
V
5
2
1
/
A
7
-
A
mA
C
D
/
C
A
2
7
7
9
3
R
L
.
o
N
el
iF
d
ei
fi
tr
e
C
V
ß
SST
2.54
±0.10mm
(0.100"
±0.004")
6.10
±0.25mm
(0.240"
±0.010")
7
1.35
±0.10mm
(0.053"
±0.004")
2.54
±0.10mm
(0.100"
±0.004")
bel
3.18mm
(0.125")
3.0mm(0.12")
Recommended pad layout
2.0mm(0.08")
2410 Size
13


Similar Part No. - SST7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST7 BEL-SST7 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST7 BEL-SST7 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
logo
Linear Integrated Syste...
SST74 LINEAR-SST74 Datasheet
260Kb / 2P
ULTRA LOW NOISE SINGLE P-CHANNEL JFET
logo
Bel Fuse Inc.
SST750 BEL-SST750 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST750 BEL-SST750 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
More results

Similar Description - SST7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
SMM BEL-SMM Datasheet
365Kb / 2P
Square Ceramic Surface Mount Medium Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0678L BEL-0678L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678D BEL-0678D Datasheet
1Mb / 4P
SQUARE CERAMIC SURFACE MOUNT FAST BLOW FUSE
0678D0500-XX BEL-0678D0500-XX Datasheet
1,017Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0678L9100-XX BEL-0678L9100-XX Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0680L BEL-0680L Datasheet
841Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com