Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2832 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2832 Datasheet HTML 2Page - National Semiconductor (TI) LM2832 Datasheet HTML 3Page - National Semiconductor (TI) LM2832 Datasheet HTML 4Page - National Semiconductor (TI) LM2832 Datasheet HTML 5Page - National Semiconductor (TI) LM2832 Datasheet HTML 6Page - National Semiconductor (TI) LM2832 Datasheet HTML 7Page - National Semiconductor (TI) LM2832 Datasheet HTML 8Page - National Semiconductor (TI) LM2832 Datasheet HTML 9Page - National Semiconductor (TI) LM2832 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Typical Performance Characteristics All curves taken at VIN = 5.0V with configuration in typical ap-
plication circuit shown in Application Information section of this datasheet. T
J = 25˚C, unless otherwise specified.
η vs Load "X, Y and Z" Vin = 3.3V, Vo = 1.8V
η vs Load "X" Vin = 5V, Vo = 1.8V & 3.3V
20197587
20197539
η vs Load - "Y" Vin = 5V, Vo = 3.3V & 1.8V
η vs Load "Z" Vin = 5V, Vo = 3.3V & 1.8V
20197590
20197542
Load Regulation
Vin = 3.3V, Vo = 1.8V (All Options)
Load Regulation
Vin = 5V, Vo = 1.8V (All Options)
20197583
20197584
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com