Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6472 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6472
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6472 Datasheet(HTML) 4 Page - Analog Devices

  AD6472 Datasheet HTML 1Page - Analog Devices AD6472 Datasheet HTML 2Page - Analog Devices AD6472 Datasheet HTML 3Page - Analog Devices AD6472 Datasheet HTML 4Page - Analog Devices AD6472 Datasheet HTML 5Page - Analog Devices AD6472 Datasheet HTML 6Page - Analog Devices AD6472 Datasheet HTML 7Page - Analog Devices AD6472 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD6472
–4–
REV. 0
Pin
Mnemonic
Description
1
+5 V_DVDD
+5 V Digital Supply.
2
DGND
Digital Ground.
3
MODE_SEL0
Bit Rate—Filter Corner Select.
4
MODE_SEL1
Bit Rate—Filter Corner Select.
5
AA_FLTR_BP
Antialiasing Filter Bypass.
6
PWRDN
Power-Down Active Low.
7
NC
No Connect.
8
TX_GAIN_SEL
Transmit Attenuation (6 dB) Select.
9
TX_DRVR_BP
Transmit Driver Bypass.
10
ADC_BUF_BP
ADC Buffer Bypass.
11
TX_LPF_BP
Transmit Filter Bypass.
12
TSTGND
Factory test pin. Connect to DGND.
13
LOOPBACK
Loopback Select.
14
DGND
Digital Ground.
15
+3 V_DVDD
+3.3 V Digital Supply.
16
TX_DATA
Transmit Data Input.
17
TX_SYNC
Transmit Data Frame Sync Input.
18
TX_CLK
Transmit Clock Input.
19
+5 V_DVDD
+5 V Digital Supply.
20
DGND
Digital Ground.
21
NC
No Connect.
22
IOUT_SET
DAC Output Current Full Scale
(With Resistor to Ground).
23
NC
No Connect.
24
CAP_B
Decoupling Pin for Internal Node.
25
CAP_C
Decoupling Pin for Internal Node.
26
TX_IOUT_A
TXDAC Complementary Current
Output.
27
TX_IOUT_B
TXDAC Complementary Current
Output.
28
AGND
Analog Ground.
29
AVDD
+5 V Analog Supply.
30
TX_LPF_IN_B
Differential Input to LPF.
31
TX_LPF_IN_A
Differential Input to LPF.
32
TX_LPF_OUT_B
Differential Output from Transmit
(If Driver Bypassed).
33
TX_LPF_OUT_A Differential Output from Transmit
(If Driver Bypassed).
34
AVDD
+5 V Analog Supply.
35
DRVR_OUT_B
Differential Driver Output.
36
DRVR_OUT_A
Differential Driver Output.
37
AGND
Analog Ground.
38
HYB_IN2_B
Hybrid Noninverting Input.
39
HYB_IN2_A
Hybrid Noninverting Input.
40
HYB_IN1_B
Hybrid Inverting Input.
PIN CONFIGURATIONS
Pin
Mnemonic
Description
41
HYB_IN1_A
Hybrid Inverting Input.
42
AGND
Analog Ground.
43
AVDD
+5 V Analog Supply.
44
PGA_GC2
PGA Gain Select Bits.
45
PGA_GC1
PGA Gain Select Bits.
46
PGA_GC0
PGA Gain Select Bits.
47
AA_FLTR_OUTB Differential Output of the
Antialiasing Filter.
48
AA_FLTR_OUTA Differential Output of the
Antialiasing Filter.
49
ADC_INB
Differential Input to the ADC.
50
ADC_INA
Differential Input to the ADC.
51
REF_COM
Reference Common.
52
CAP_TOP
Decoupling Pin for ADC Reference.
53
CAP_BOT
Decoupling Pin for ADC Reference.
54
VREF
External Voltage Reference.
55
CM_LVL
Common-Mode Level.
(1/2 Supply Voltage, Nominally.)
56
AGND
Analog Ground.
57
AVDD
+5 V Analog Supply.
58
DGND
Digital Ground.
59
+5 V_ DVDD
+5 V Digital Supply.
60
NC
No Connect.
61
+3 V_ DVDD
+3 V Digital Supply.
62
TR_DAC_OUT
Timing Recovery DAC Output
Voltage.
63
SDATA
Serial Data Input to Timing Recov-
ery DAC.
64
SFRAME
Frame Sync for Timing Recovery.
65
SCLK
Clock for Timing Recovery DAC.
Serial Data.
66
RX0
Digital Output Data.
67
RX1
Digital Output Data.
68
RX2
Digital Output Data.
69
RX3
Digital Output Data.
70
RX4
Digital Output Data.
71
RX5
Digital Output Data.
72
DGND
Digital Ground.
73
+3 V_DVDD
+3 V Digital Supply.
74
RX6
Digital Output Data.
75
RX7
Digital Output Data.
76
RX8
Digital Output Data.
77
RX9
Digital Output Data.
78
RX10
Digital Output Data.
79
RX11
Digital Output Data.
80
RXCLK
Clock Input for ADC Data.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com