Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F2953 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F2953
Description  Registered transceiver, non-inverting 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2953 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F2953 Datasheet HTML 3Page - NXP Semiconductors 74F2953 Datasheet HTML 4Page - NXP Semiconductors 74F2953 Datasheet HTML 5Page - NXP Semiconductors 74F2953 Datasheet HTML 6Page - NXP Semiconductors 74F2953 Datasheet HTML 7Page - NXP Semiconductors 74F2953 Datasheet HTML 8Page - NXP Semiconductors 74F2953 Datasheet HTML 9Page - NXP Semiconductors 74F2953 Datasheet HTML 10Page - NXP Semiconductors 74F2953 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74F2952, 74F2953
Transceivers
1989 Sep 22
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
A0 A7
IO = 3mA
±10% VCC
2.4
V
VO
High level output voltage
A0–A7
VCC = MIN,
VIL = MAX
IOH = –3mA
±5% VCC
2.7
3.3
V
VOH
High-level output voltage
B0 B7
VIL = MAX,
VIH = MIN
IO = 15mA
±10% VCC
2.0
V
B0–B7
IOH = –15mA
±5% VCC
2.0
V
A0 A7
IO = 24mA
±10% VCC
0.35
0.50
V
VO
Low level output voltage
A0–A7
VCC = MIN,
VIL = MAX
IOL = 24mA
±5% VCC
0.35
0.50
V
VOL
Low-level output voltage
B0 B7
VIL = MAX,
VIH = MIN
IOL = 48mA
±10% VCC
0.38
0.55
V
B0–B7
IOL = 64mA
±5% VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum
input voltage
CPAB, CPBA,
OEAB, OEBA,
CEAB, CEBA
VCC = 5.5V, VI = 7.0V
100
µA
I
in ut voltage
A0–A7,
B0–B7
VCC = 5.5V, VI = 5.5V
1
mA
IIH
High-level input current
CPAB, CPBA,
OEAB, OEBA,
CEAB, CEBA
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
CPAB, CPBA,
OEAB, OEBA,
CEAB, CEBA
VCC = MAX, VI = 0.5V
–0.6
mA
IIH+IOZH
Off-state output current
High-level voltage applied
A0–A7,
B0–B7
VCC = MAX, VO = 2.7V
70
µA
IIL+IOZL
Off-state output current
Low-level voltage applied
A0–A7,
B0–B7
VCC = MAX, VO = 0.5V
–600
µA
IOS
Short circuit output current3
A0–A7
VCC = MAX VO =0V
–60
–150
mA
IOS
Short-circuit output current3
B0–B7
VCC = MAX, VO = 0V
–100
–225
mA
ICCH
90
140
mA
ICC
Supply current (total)
iCCL
VCC = MAX
120
175
mA
ICCZ
105
155
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com