Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F298 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F298
Description  Quad 2-input multiplexer with storage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F298 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F298 Datasheet HTML 1Page - NXP Semiconductors 74F298 Datasheet HTML 2Page - NXP Semiconductors 74F298 Datasheet HTML 3Page - NXP Semiconductors 74F298 Datasheet HTML 4Page - NXP Semiconductors 74F298 Datasheet HTML 5Page - NXP Semiconductors 74F298 Datasheet HTML 6Page - NXP Semiconductors 74F298 Datasheet HTML 7Page - NXP Semiconductors 74F298 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F298
Quad 2-input multiplexer with storage
2
1989 Aug 14
853–0061 97377
FEATURES
• Fully synchronous operation
• Select from two data sources
• Buffered, negative edge triggered clock
• Provides the equivalent of function capabilities of two separate
MSI functions (74F157 and 74F175)
DESCRIPTION
The 74F298 is a high speed Quad 2-Input Multiplexer with storage.
It selects 4 bits of data from two sources (ports) under the control of
a common Select input (S). The selected data is transferred to the
4-bit output register synchronous with the High-to-Low transition of
the clock (CP). The 4-bit register is fully edge triggered. The data
inputs (I0 and I1) and Select input (S) must be stable only one setup
time prior to the High-to-Low transition of the clock for predictable
operation.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
I0d
VCC
Qd
CP
S
Qc
Qa
Qb
I1b
I1a
I1d
I0a
I0b
I1c
9
8
GND
I0c
SF00859
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F298
115MHz
30mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F298N
SOT38-4
16-pin plastic SO
N74F298D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
I0a, I0b, I0c, I0d
Data inputs
1.0/1.0
20
µA/0.6mA
I1a, I1b, I1c, I1d
Data inputs
1.0/1.0
20
µA/0.6mA
S
Select input
1.0/1.0
20
µA/0.6mA
CP
Clock input (active falling edge)
1.0/1.0
20
µA/0.6mA
Qa, Qb, Qc, Qd
Data outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
VCC = Pin 16
GND = Pin 8
SF00860
10
11
S
CP
3241
957
I0a
I1a
I0b
I1b
I0c
I1c
I0d
Qa
Qb
Qc
Qd
15
14
13
12
6
I1d
LOGIC SYMBOL (IEEE/IEC)
SF00861
3
2, 1D
11
C1
10
M2
2
15
2, 1D
4
1
14
9
5
13
7
6
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com