Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1712 Datasheet(PDF) 13 Page - Galaxy Power, Inc.

Part # ICS1712
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712 Datasheet(HTML) 13 Page - Galaxy Power, Inc.

Back Button ICS1712 Datasheet HTML 9Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 10Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 11Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 12Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 13Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 14Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 15Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 16Page - Galaxy Power, Inc. ICS1712 Datasheet HTML 17Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
ICS1712
To set the voltage at the THERM pin for 1.67V at 25
°C, the
equivalent divider looks like Figure 11.
Table 4: Thermistor Voltage Thresholds
Parameter
Voltage
Battery
Temperature
Cold Battery Thermistor
Voltage
>2.4
<10
°C
Hot Battery Thermistor
Voltage
<0.93
>45
°C
Using an NTC thermistor for temperature slope
termination:
As a battery approaches full charge, its accelerated rate of heating
can be used to terminate fast charge by detecting the large change
in the temperature slope. The large change in temperature slope is
proportional to the thermistor voltage change per unit of time. If
the DTSEL pin is programmed for temperature slope termination,
the controller will calculate the thermistor voltage slope and
terminate based on internally set thresholds as listed in Table 1.
The threshold is 40mV per minute for selected charge rates greater
than C/2 and 28mV per minute for selected charge rate C/2. The
voltage across the thermistor must change at these rates or greater
to terminate the selected charge rate.
These thresholds correspond to a set change in thermistor
resistance when an external pull-up to 5V is used as shown in
Figure 11. Using the values calculated from the hot and cold
battery detection example, the percent change in the thermistor
resistance per minute for selected charge rates are provided. For
selected charge rates greater than C/2, the thermistor resistance
must decrease 4%/min. to terminate charge. For selected charge
rate C/2, the thermistor resistance must decrease 3%/min. to
terminate charge.
Figure 11: Equivalent voltage divider
The parallel resistance R
|| is calculated:
R
|| = 5V - 1.67V
=20k
Ω.
1.67V/10k
The internal pull-up resistance R
pu
and the parallel resistance R
|| are
known so the external fixed resistor can be calculated from:
Rpu R||
Rfix = __________ .
Rpu - R||
Substituting in known values: Rfix = 27.27k
. A 27kstandard
value is used for Rfix.
Since the thermistor resistance Rth is specified by manufacturers at
a particular temperature, the voltage across the thermistor Vth at
that temperature can be calculated from:
Rth (5V)
Vth =
__________ (5V),
Rpu + R||
with the drop across the resistor divider equal to 5V. For this
example, the calculated voltage with Rth=18k
at 10°C is 2.37V
and with Rth =4.7k
at 45°C the voltage is 0.95V. Table 3 lists the
internal thresholds for hot and cold battery detection. If the voltage
across the thermistor (at the THERM pin) drops below 0.93V, the
ICS1712 will shut down due to a hot battery fault condition and
will not restart unless reset. If the voltage dropped across the
thermistor is above 2.4V before fast charge is initiated, the
ICS17012 will begin a reduced current charge. See the Cold
Battery Charging section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com