Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1712ST Datasheet(PDF) 20 Page - Galaxy Power, Inc.

Part # ICS1712ST
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712ST Datasheet(HTML) 20 Page - Galaxy Power, Inc.

Back Button ICS1712ST Datasheet HTML 16Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 17Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 18Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 19Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 20Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 21Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 22Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 23Page - Galaxy Power, Inc. ICS1712ST Datasheet HTML 24Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
ICS1712
Charging System Status by Indicator
The Indicator Description List in Table 2 contains displays that are
caused by charging system abnormalities. At power-up or after a
reset is issued, one flash of the CMN indicator followed by a
continuous PFN indication results from a voltage present at the
battery terminals with the current source off and no battery. Check
the current source and ensure that it produces no more than the
equivalent of 350mV/cell when turned off with no battery. If the
VIN divider resistors were not properly selected, an open circuit
voltage that is actually less than the equivalent of 350mV/cell with
the charger off and no battery will not divide down this open
circuit voltage properly and produce a PFN fault indication. Check
the VIN divider and ensure that it properly normalizes the battery
voltage to the electrochemical potential of about 1.2V cell. If the
PFN fault indicator is active immediately after power-up or after a
reset is issued with the battery installed, then the constant current
source is producing more than the equivalent of 350mV/cell when
off and there is an open connection between the charger terminals
and the battery. Check wires, connections, battery terminals, and
the battery itself for an open circuit condition
.
If the CMN and OTN indicators are active together, this is an
indication that the battery temperature has dropped to below 10
°C
after a fast charge was initiated with the battery temperature
normal. If this condition is observed and the battery temperature
did not drop after fast charge was initiated, check the thermistor
circuit mechanically for poor contact and electrically for excessive
noise.
Maximum Temperature Termination
Maximum temperature termination is best suited as a safety back-
up feature. Maximum temperature termination requires that the
thermal sensor be in intimate contact with the battery. A low
thermal
impedance
contact
area
is
required
for
accurate
temperature sensing. The area and quality of the contact surface
between the sensor and the battery directly affects the accuracy of
temperature sensing. Thermally conductive adhesives may have to
be considered in some applications to ensure good thermal transfer
from the battery case to the sensor.
The thermal sensor should be placed on the largest surface of the
battery for the best accuracy. The size of the battery is also a
consideration when using temperature termination. The larger the
battery, lower the surface area to volume ratio. Because of this,
larger batteries are less capable in dissipating internal heat.
Additional considerations beyond the basics mentioned above may
be involved when using maximum temperature termination where
sudden changes in ambient temperature occur or where forced air
cooling is used. For these applications, the surface area of the
thermal sensor in contact with the battery compared to the surface
area of the thermal sensor in contact with the ambient air may be
significant. For example, bead type thermistors are relatively small
devices which have far less thermal capacity compared to most
batteries. Insulating the surface of the thermistor that is in contact
with the ambient air should help minimize heat loss by the
thermistor and maintain accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com