Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA13 Datasheet(PDF) 1 Page - Weitron Technology

Part # MPSA13
Description  Plastic-Encapsulate Transistros NPN Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MPSA13 Datasheet(HTML) 1 Page - Weitron Technology

  MPSA13 Datasheet HTML 1Page - Weitron Technology MPSA13 Datasheet HTML 2Page - Weitron Technology MPSA13 Datasheet HTML 3Page - Weitron Technology MPSA13 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Plastic-Encapsulate Transistros
NPN Darlington Transistor
Electrical Characteristics(TA=25C Unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC curent gain1
Collector-emitter saturation voltage1
Base-emitter voltage1
Transition frequency
V( BR) CBO
30
-
-
-
-
-
-
-
V
V( BR) CE O
30
V
V( BR) EBO
10
V
ICBO
0.1
µA
IEBO
0.1
µA
HFE (1)
5000
10000
HFE (2)
MPSA13
MPSA14
10000
20000
VCE (sat)
1.5
V
VBE( on)
-
2.0
V
f T
VCE=5V,IC=10mA,F=100Mhz
MPSA13
MPSA14
VCE=5V,IC=10mA
VCE=5V,IC=100mA
VCE=5V,IC=10mA
VEB=10V,IC=0
VCB=30V,IE=0
IE=100µA,IC=0
IC=1mA,IB=0
IC=100µA,IE=0
IC=100mA,IB=0.1mA
125
MHz
Note: 1.Pulse Test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
MPSA13/MPSA14
WEITRON
http://www.weitron.com.tw
Maximum Ratings(T
A=25 C Unless O therwise Specified)
Rating
Symbol
Value
Unit
Collector-base Voltage
Collector-Emitter Voltage
Emitter-base Voltage
VEBO
VCEO
VCBO
30
30
10
V
V
V
Collector Current
IC
500
mA
Total Power Dissipation(TA=25˚C)
PD
0.625
W
Operating Junction and Storage Temperature Range
TJ,Tstg
- 55~+150
˚C
1/4
17-Jun-05


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com