Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D44VH10 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D44VH10
Description  isc Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44VH10 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D44VH10 Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44VH10 Datasheet HTML 2Page - Inchange Semiconductor Company Limited D44VH10 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2022-12-09
1
isc Silicon NPN Power Transistors
D44VH10
DESCRIPTION
·
Low Collector-Emitter Saturation Voltage
: VCE(sat)= 0.4V(Max)@ IC = 8A
·
Fast Switching Speeds
·
Complement to Type D45VH10
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Designed for general purpose power amplification and
switching such as output or driver stages in applications
such as switching regulators,converters and power amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter Voltage
80
V
VCBO
Collector-Base Voltage
100
V
VEBO
Emitter-Base Voltage
7.0
V
IC
Collector Current-Continuous
15
A
PC
Collector Power Dissipation
@TC=25℃
83
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.5
℃
/W


Similar Part No. - D44VH10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D44VH10 ONSEMI-D44VH10 Datasheet
90Kb / 5P
Complementary Silicon Power Transistors
November, 2007 - Rev. 5
logo
New Jersey Semi-Conduct...
D44VH10 NJSEMI-D44VH10 Datasheet
852Kb / 3P
Complementary Silicon Power Transistors
D44VH10 NJSEMI-D44VH10 Datasheet
852Kb / 3P
Complementary Silicon Power Transistors
D44VH10 NJSEMI-D44VH10 Datasheet
1Mb / 3P
NPN POWER TRANSISTORS
logo
ON Semiconductor
D44VH10 ONSEMI-D44VH10 Datasheet
104Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 8
More results

Similar Description - D44VH10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com