Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL6337 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL6337
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337 Datasheet(HTML) 2 Page - Analog Devices

  ADL6337 Datasheet HTML 1Page - Analog Devices ADL6337 Datasheet HTML 2Page - Analog Devices ADL6337 Datasheet HTML 3Page - Analog Devices ADL6337 Datasheet HTML 4Page - Analog Devices ADL6337 Datasheet HTML 5Page - Analog Devices ADL6337 Datasheet HTML 6Page - Analog Devices ADL6337 Datasheet HTML 7Page - Analog Devices ADL6337 Datasheet HTML 8Page - Analog Devices ADL6337 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Data Sheet
ADL6337
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 41
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
Digital Logic Timing............................................ 4
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 8
ADL6337-A.........................................................9
ADL6337-B.......................................................14
Theory of Operation.............................................19
RF Input and Output ........................................19
Programmability Guide........................................ 20
Linearity and Performance Optimization
(Reference Only)............................................... 22
SPI.......................................................................23
Configuring Multiple Chips to Share the SPI
Bus ................................................................... 24
Device Setup....................................................... 25
Basic Connections...............................................26
Input Port Matching............................................. 27
Register Summary...............................................28
Register Details................................................... 29
Outline Dimensions............................................. 41
Ordering Guide.................................................41
Evaluation Boards............................................ 41
REVISION HISTORY
2/2023—Revision B: Initial Version
...........................................................................................................................................................................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com