Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4332 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4332
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4332 Datasheet(HTML) 3 Page - Analog Devices

  LTC4332 Datasheet HTML 1Page - Analog Devices LTC4332 Datasheet HTML 2Page - Analog Devices LTC4332 Datasheet HTML 3Page - Analog Devices LTC4332 Datasheet HTML 4Page - Analog Devices LTC4332 Datasheet HTML 5Page - Analog Devices LTC4332 Datasheet HTML 6Page - Analog Devices LTC4332 Datasheet HTML 7Page - Analog Devices LTC4332 Datasheet HTML 8Page - Analog Devices LTC4332 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC4332
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH
Differential Input Signal Threshold
–25V < VCM < 25V (Note 2)
l
±200
mV
Logic
VIH
High Level Input Voltage (ON, SCK, MISO, MOSI,
SS1, SS2, SS3, SSC, INT, REMOTE)
1.62V ≤ VL ≤ 5.5V
l
0.8 • VL
V
VIH3ST
High Level Input Voltage (SPEED1, SPEED2)
l
VL – 0.25
V
VIM3ST
Mid Level Input Voltage (SPEED1, SPEED2)
l
0.45 • VL
0.55 • VL
V
VIL3ST
Low Level Input Voltage (SPEED1, SPEED2)
l
0.25
V
VIL
Low Level Input Voltage (ON, SCK, MISO, MOSI,
SS1, SS2, SS3, SSC, INT, REMOTE)
1.62V ≤ VL ≤ 5.5V
l
0.2 • VL
V
Digital Input Current (ON, REMOTE, SPEED1,
SPEED2)
VIN = 0V to VL
l
±60
µA
Digital Input Current (SCK, MOSI, SS1, SS2,
SS3, SSC)
VIN = 0V to VL, REMOTE = 0
l
±60
µA
Digital Input Current (MISO)
VIN = 0V to VL, REMOTE = 1
l
±60
µA
Digital Input Current (INT)
VIN = 0V to VL, REMOTE = 1
l
±5
µA
CIN
Digital Input Capacitance
(Note 2)
10
pF
VOH
High Level Output Voltage
IO = –500µA, 1.62V ≤ VL ≤ 5.5V
l
VL – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA, 1.62V ≤ VL ≤ 5.5V
l
0.2
V
IOZ
High-Z Output Leakage Current (LINK, INT)
l
±5
µA
High-Z Output Leakage Current (MOSI)
REMOTE = 1
l
±60
µA
High-Z Output Leakage Current (MISO)
REMOTE = 0
l
±60
µA
Output Source Current (Short-Circuit)
±80
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted. (Note 6)
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
tON_LOW
Pulse Width of ON low for Valid Reset Condition
(Figure 6)
l
1
µs
tREADY
ON Rise to Control Interface (SSC) Ready
l
15
µs
tSSF_PROP
Local Slave Select Fall to Remote Slave Select Fall
Propagation Delay
(Note 3)(Figure 9)
0.4 • SF
1 • SF
13 • SF
µs
tSCKR_PROP
Local SCK Rise to Remote SCK Fall and MOSI Update
Propagation Delay
Local SCK Rise to Remote SCK Rise and MOSI Update
Propagation Delay
Local SCK Rise to MOSI Update Propagation Delay
(CPOL, CPHA) = (1,1)
(CPOL, CPHA) = (0,1)
(CPOL, CPHA) = (0,0) or (1,0)
0.7 • SF
0.7 • SF
0.7 • SF
µs
µs
µs
tSSR_PROP
Local Slave Select Rise to Remote SCK Fall
Propagation Delay
Local Slave Select Rise to Remote SCK Rise
Propagation Delay
(CPOL, CPHA) = (0,0)
(CPOL, CPHA) = (1,0)
0.7 • SF
0.7 • SF
µs
µs
tINT_PROP
Remote INT to Local INT Propagation Delay
(Note 3)
0.4 • SF
1 • SF
13 • SF
µs
tREMOTE_RESET
Delay from Local ON Low for Valid Remote Reset
Condition
l
180
ms
tR, tF
Logic Output Rise/Fall (SCK, MISO, MOSI)
CL = 20pF
l
8
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com