Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2883 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2883
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 4 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4332
4
Rev. A
For more information www.analog.com
SWITCHING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design, not production tested.
Note 3: SF = Speed Factor. See Table 2.
Note 4: CPOL and CPHA set using fields REM_SSx_POL and REM_SSx_
PHA in the CONFIG register.
Note 5: All currents into device pins are positive; all currents out of device
are negative. All voltages are referenced to their corresponding ground
unless otherwise specified.
Note 6: Continuous operation above specified maximum operating
junction temperature may result in device degradation or failure.
Note 7: Link network with RB = 250Ω, RDIFF = 100Ω, and CL = 150pF from
Figure 4 unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Local Mode (REMOTE = 0)
fSCK:SLAVE
SCK Input Frequency
(SPEED INDEX = 8) (Table 2)
l
10
2000
kHz
kHz
tSCKH:SLAVE
SCK Input High Time
(Figure 7)
l
100
ns
tSCKL:SLAVE
SCK Input Low Time
l
100
ns
tBUF:SLAVE
SSx Rise to SSx Fall Delay
(Note 3)
l
2 • SF
µs
tSSFSCK:SLAVE
SSx Fall to SCK Rise Delay
(Note 3)
l
2 • SF
168000
µs
tSCKRSS:SLAVE
SCK Rise to SSx Rise Delay
(Note 3)
l
1 • SF
168000
µs
tDMISO:SLAVE
MISO Data Valid from SCK Fall Delay
CL = 20pF
l
100
ns
tHMISO:SLAVE
MISO Data Remains Valid from SCK Fall Delay
CL = 20pF
l
40
ns
tSMOSI:SLAVE
MOSI Data Setup to SCK Rise
l
40
ns
tHMOSI:SLAVE
MOSI Data Hold after SCK Rise
l
40
ns
Remote Mode (REMOTE = 1)
tSCKL:MASTER
SCK Low from LTC4332
(CPOL, CPHA) = (0,0) or (1,1)
(Figure 9) (Note 4)
l
0.2 • SF
0.3 • SF
µs
tSCKH:MASTER
SCK High from LTC4332
(CPOL, CPHA) = (0,1) or (1,0)
(Note 4)
l
0.15 • SF
0.3 • SF
µs
tSCKTSS:MASTER SCK Trailing Edge to SSx High
(Note 4)
l
0.2 • SF
µs
tSCKJ:MASTER
SCK Cycle to Cycle Jitter
(Figure 8)
l
±30
ns
tDMOSI:MASTER
MOSI Data Valid from SCK Fall Delay
CL = 20pF
l
15
ns
tHMOSI:MASTER
MOSI Data Remains Valid from SCK Fall Delay
CL = 20pF
l
–5
ns
tSMISO:MASTER
MISO Data Setup to SCK Rise
l
40
ns
tHMISO:MASTER
MISO Data Hold after SCK Rise
l
40
ns
tTIMEOUT:MASTER Active Slave Select Timeout
l
148
175
ms
Link Interface
tRD, tFD
Differential Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF
l
4
15
ns
tLINK_TIMEOUT
Response Time for LINK Release after Disconnection REMOTE = 1
REMOTE = 0
168
100
ms
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com