Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2546A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 2Page - Diodes Incorporated PI5USB2546A Datasheet HTML 3Page - Diodes Incorporated PI5USB2546A Datasheet HTML 4Page - Diodes Incorporated PI5USB2546A Datasheet HTML 5Page - Diodes Incorporated PI5USB2546A Datasheet HTML 6Page - Diodes Incorporated PI5USB2546A Datasheet HTML 7Page - Diodes Incorporated PI5USB2546A Datasheet HTML 8Page - Diodes Incorporated PI5USB2546A Datasheet HTML 9Page - Diodes Incorporated PI5USB2546A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
6
© Diodes Incorporated
PI5USB2546A
Electrical Characteristics, High-bandwidth Switch
4.5V≤V
IN≤5.5V; TJ=-40°C to +125°C; VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT=R/STATUS=10kΩ RILIM_HI=20kΩ,
RILIM_LO=80.6kΩ, Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
HIGH_BANDWIDTH ANALOG SWITCH
DP/DM switch on resistance
VDP/DM_OUT= 0V, IDP/DM_IN= 30mA
-
2
4
Ω
VDP/DM_OUT= 2.4V, IDP/DM_IN= -15mA
-
3
6
Ω
Switch resistance mismatch
between DP/DM channels
VDP/DM_OUT= 0V, IDP/DM_IN= 30mA
-
0.05
0.15
Ω
VDP/DM_OUT= 2.4V, IDP/DM_IN= -15mA
-
0.05
0.15
Ω
DP/DM switch off-state
capacitance
(1)
VEN=0V, VDP/DM_IN= 0.3V,
Vac= 0.6VPK-PK, f=1MHz
-
4.5
-
pF
DP/DM switch on-state
capacitance
(2)
VDP/DM_IN= 0.3V,Vac= 0.6VPK-PK, f = 1MHz
-
5.4
6.2
pF
OIRR
Off-state isolation
(3)
VEN = 0V, f = 250MHz
-
33
-
dB
XTALK
Off-state cross channel isolation
(3)
f = 250MHz
-
52
-
dB
IOFF
Off-state leakage current
VEN = 0V, VDP/DM_IN = 3.6V, VDP/DM_OUT =
0V, measure IDP/DM_OUT
-
0.1
1.5
A
BW
Bandwidth(-3dB)
(3)
RL =50Ω
-
2.0
-
GHz
tpd
Propagation delay
(3)
-
-
0.25
-
ns
tSK
Skew between opposite transitions
of the same port(tPHL – tPLH)
-
-
0.1
0.2
ns
Note:
(1) The resistance in series with the parasitic capacitance to GND is typically 250 Ω.
(2) The resistance in series with the parasitic capacitance to GND is typically 150 Ω.
(3) These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes of Pericom's
product warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com