Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2546J Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI5USB2546J
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546J Datasheet(HTML) 3 Page - Diodes Incorporated

  PI5USB2546J Datasheet HTML 1Page - Diodes Incorporated PI5USB2546J Datasheet HTML 2Page - Diodes Incorporated PI5USB2546J Datasheet HTML 3Page - Diodes Incorporated PI5USB2546J Datasheet HTML 4Page - Diodes Incorporated PI5USB2546J Datasheet HTML 5Page - Diodes Incorporated PI5USB2546J Datasheet HTML 6Page - Diodes Incorporated PI5USB2546J Datasheet HTML 7Page - Diodes Incorporated PI5USB2546J Datasheet HTML 8Page - Diodes Incorporated PI5USB2546J Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
3
© Diodes Incorporated
PI5USB2546J
Maximum Ratings
AllInput(exceptINtoOUT,andDP_IN,DM_IN,DP_OUT,DM_OUT)...........-0.3Vto+6.0V
INtoOUT ......................................................................................................................................-6.0Vto+6.0V
DP_IN,DM_IN,DP_OUT,DM_OUT.........................................................-0.3VtoIN+0.3or+5.7V
Inputclampcurrent(DP_IN,DM_IN,DP_OUT,DM_OUT)..................................................±20mA
ContinuouscurrentinSDPorCDPmode
(DP_INtoDP_OUTorDM_INtoDM_OUT)..........................................................................±100mA
ContinuouscurrentinBC1.2DCPmode(DP_INtoDM_IN)...................................................±50mA
Continuousoutputcurrent(OUT)........................................................................................Internallylimited
Continuousoutputsinkcurrent(/FAULT,/STATUS).....................................................................25mA
Continuousoutputsourcecurrent(ILIM_LO,ILIM_HI)............................................internallylimited
ESD:HBMMode(Allpins) ........................................................................................................................2kV
CDMMode (Allpins).....................................................................................................................500V
HBM(USBconnectorpins:DP_IN,DM_IN,OUTtoGND)..............................................6kV
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIN
Input Voltage, IN
4.5
-
5.5
V
Input Voltage, logic-level EN, CTL1, CTL2, CTL3, ILIM_SEL inputs
0
-
5.5
V
Input Voltage, data line inputs, DP_IN, DM_IN, DP_OUT, DM_OUT
0
-
VIN
V
VIH
High-level input voltage, EN, CTL1, CTL2, CTL3, ILIM_SEL
1.8
-
-
V
VIL
Low-level input voltage, EN, CTL1, CTL2, CTL3, ILIM_SEL
-
-
0.8
V
Continuous current data line inputs, SDP or CDP mode, DP_IN to DP_OUT or
DM_INtoDM_OUT
-
-
±30
mA
Continuous current data line inputs, BC1.2DCPmode,DP_INtoDM_IN
-
-
±15
mA
IOUT
Continuous output current, OUT
0
-
2.5
A
Continuous output sink current, /FAULT, /STATUS
0
-
10
mA
RILIM_XX
Current-limit set resistor
16.9
-
750
kΩ
TJ
Operating Virtual Junction Temperature Range
-40
-
125
ºC
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com