Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL4010 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VCNL4010
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4010 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VCNL4010 Datasheet HTML 4Page - Vishay Siliconix VCNL4010 Datasheet HTML 5Page - Vishay Siliconix VCNL4010 Datasheet HTML 6Page - Vishay Siliconix VCNL4010 Datasheet HTML 7Page - Vishay Siliconix VCNL4010 Datasheet HTML 8Page - Vishay Siliconix VCNL4010 Datasheet HTML 9Page - Vishay Siliconix VCNL4010 Datasheet HTML 10Page - Vishay Siliconix VCNL4010 Datasheet HTML 11Page - Vishay Siliconix VCNL4010 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
VCNL4010
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 20-Mar-18
8
Document Number: 83462
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Register #4 Ambient Light Parameter Register
Register address = 84h.
Note
• If self_timed measurement is running, any new value written in this register will not be taken over until the mode is actualy cycled.
Register #5 and #6 Ambient Light Result Register
Register address = 85h and 86h. These registers are the result registers for ambient light measurement readings.
The result is a 16 bit value. The high byte is stored in register #5 and the low byte in register #6.
TABLE 5 - AMBIENT LIGHT PARAMETER REGISTER #4
Bit 7Bit 6Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Cont. conv.
mode
als_rate
Auto offset
compensation
Averaging function
(number of measurements per run)
Description
Cont. conversion mode
R/W bit. Continuous conversion mode.
Enable = 1; Disable = 0 = DEFAULT
This function can be used for performing faster ambient light measurements. Please refer to the
application information chapter 3.3 for details about this function.
Ambient light measurement rate
R/W bits. Ambient light measurement rate
000 - 1 samples/s
001 - 2 samples/s = DEFAULT
010 - 3 samples/s
011 - 4 samples/s
100 - 5 samples/s
101 - 6 samples/s
110 - 8 samples/s
111 - 10 samples/s
Auto offset compensation
R/W bit. Automatic offset compensation.
Enable = 1 = DEFAULT; Disable = 0
In order to compensate a technology, package or temperature related drift of the ambient light values
there is a built in automatic offset compensation function.
With active auto offset compensation the offset value is measured before each ambient light
measurement and subtracted automatically from actual reading.
Averaging function
R/W bits. Averaging function.
Bit values sets the number of single conversions done during one measurement cycle. Result is the
average value of all conversions.
Number of conversions = 2decimal_value e.g. 0 = 1 conv., 1 = 2 conv, 2 = 4 conv., ….7 = 128 conv.
DEFAULT = 32 conv. (bit 2 to bit 0: 101)
TABLE 6 - AMBIENT LIGHT RESULT REGISTER #5
Bit 7Bit 6Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Description
Read only bits. High byte (15:8) of ambient light measurement result
TABLE 7 - AMBIENT LIGHT RESULT REGISTER #6
Bit 7Bit 6Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Description
Read only bits. Low byte (7:0) of ambient light measurement result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com