Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL4040 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 3Page - Vishay Siliconix VCNL4040 Datasheet HTML 4Page - Vishay Siliconix VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix VCNL4040 Datasheet HTML 10Page - Vishay Siliconix VCNL4040 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
7
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - IRED Profile
APPLICATION INFORMATION
Pin Connection with the Host
VCNL4040 integrates proximity sensor, ambient light Sensor, and IRED all together with I2C interface. It is very easy for the
baseband (CPU) to access PS and ALS output data via I2C interface without extra software algorithms. The hardware schematic
is shown in the following diagram.
Two additional capacitors in the circuit can be used for the following purposes: (1) the 0.1 μF capacitor near the VDD pin is used
for power supply noise rejection, (2) the 2.2 μF capacitor - connected to the anode - is used to prevent the IRED voltage from
instantly dropping when the IRED is turned on, and (3) 2.2 k
Ω is suitable for the pull up resistor of I2C except for the 8.2 kΩ
applied on the INT pin.
Note
• Cathode (LED) and cathode (sensor): pins need to be connected together externally
Fig. 11 - Hardware Pin Connection Diagram
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90
-60
-30
0
30
60
90
Axis Title
2nd line
Angle (deg)
0°
20°
40°
60°
80°
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
INT
INT
SCLK
8
7
3
5
1
0.1 μF
GND
SDAT
SCK
SDA
6
2.2 k
Ω
2.2 k
Ω
V
DD_LED
2.2 μF
8.2 k
Ω
2
Cathode
(LED)
Anode
4
VCNL4040
Cathode
(sensor)
V
DD
V
Pull_up
Baseband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com