Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1514X Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # R1514X
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1514X Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  R1514X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1514X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
R1514x
2
BLOCK DIAGRAM
R1514xxxxB
VDD
VOUT
CE
GND
Current Limit
Short
Protection
Vref
Thermal Shutdown
Circuit
Internal
VR
SELECTION GUIDE
The output voltage, package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1514HxxxB-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
R1514SxxxB-E2-FE
HSOP-6J
1,000 pcs
Yes
Yes
xxx : The output voltage can be designated in the range of 2.0V(020) to 12.0V(120) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com