Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1514X080B Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # R1514X080B
Description  150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1514X080B Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button R1514X080B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
R1514x-Y
NO. EA-346-140319
13
R1514S MARK SPECIFICATION TABLE (HSOP-6J)
Product Name
VSET
R1514S025B
E 0 2 5
2.5 V
R1514S028B
E 0 2 8
2.8 V
R1514S030B
E 0 3 0
3.0 V
R1514S033B
E 0 3 3
3.3 V
R1514S034B
E 0 3 4
3.4 V
R1514S050B
E 0 5 0
5.0 V
R1514S060B
E 0 6 0
6.0 V
R1514S080B
E 0 8 0
8.0 V
R1514S085B
E 0 8 5
8.5 V
R1514S090B
E 0 9 0
9.0 V
R1514S120B
E 1 2 0
12.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com