Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8050 Datasheet(PDF) 3 Page - Weitron Technology

Part # SS8050
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SS8050 Datasheet(HTML) 3 Page - Weitron Technology

  SS8050 Datasheet HTML 1Page - Weitron Technology SS8050 Datasheet HTML 2Page - Weitron Technology SS8050 Datasheet HTML 3Page - Weitron Technology SS8050 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0
0.1
0.2
0.3
0.4
0.5
0.4
0.8
1.2
1.6
2.0
IB= 3.0mA
IB= 2.0mA
IB= 1.5mA
IB= 0.5mA
IB= 1.0mA
IB= 2.5mA
VCE , COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
VCE=1V
IC, COLLECTOR CURRENT
0.1
1
10
100
1000
10
100
1000
10000
IC=10 IB
VCE (sat)
VBE (sat)
IC, COLLECTOR CURRENT
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
10
100
VCE =1V
VBE, BASE-EMITTER VOLTAGE
1
10
100
400
1
10
100
1000
10
100
1
10
100
1000
VCE = 10V
(mA)
(VoLTS)
(VoLTS)
(mA)
SS8050
http://www.weitron.com.tw
WEITRON
FIG.1 Static Characteristic
FIG.2 DC Current Gain
FIG.4 Base-Emitter Saturation Voltage
FIG.6 Collector Output Capacitance
Collector-Emitter Saturation Voltage
FIG.3 Base-Emitter On Voltage
FIG.5 Current Gain Bandwidth Product
3/4
19-Jul-05
VCE,COLLECTOR-BASE VOLTAGE(V)
IC,COLLECTORN CURRENT
f=1.0 MHz
IE=0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com