Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK Datasheet(PDF) 4 Page - C&K Components

Part # RK
Description  Microminiature SMT Top Actuated Tact Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RK Datasheet(HTML) 4 Page - C&K Components

  RK Datasheet HTML 1Page - C&K Components RK Datasheet HTML 2Page - C&K Components RK Datasheet HTML 3Page - C&K Components RK Datasheet HTML 4Page - C&K Components RK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B–179
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
NEW
B–179
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
RK Series
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKB2 4.2 X 3.2 X 2.5 MM
4.20 0.2
3.00
4.60 0.2
CIRCUIT DIAGRAM
P.C.B LAND DIMENSION
1
3
2
4
1
3
2
4
3.5
5.5
A-A
Reel
Scale 1:3
A
A
Label
Note:
1. 3K pcs Switches per reel.
2. General tolerance: 0.3mm.
2
4
4
1.5
1.4
3.4
8
0.3
2.2
70
2.6
2.0
13.5
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com