Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT4884AM Datasheet(PDF) 2 Page - Weitron Technology

Part # WT4884AM
Description  Surface Mount N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT4884AM Datasheet(HTML) 2 Page - Weitron Technology

  WT4884AM Datasheet HTML 1Page - Weitron Technology WT4884AM Datasheet HTML 2Page - Weitron Technology WT4884AM Datasheet HTML 3Page - Weitron Technology WT4884AM Datasheet HTML 4Page - Weitron Technology WT4884AM Datasheet HTML 5Page - Weitron Technology WT4884AM Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT4884AM
Input Capacitance
VDS=15V,VGS=0V, f=1MHZ
Output Capacitance
VDS=15V,VGS=0V, f=1MHZ
Reverse Transfer Capacitance
VDS=15V,VGS=0V, f=1MHZ
Total Gate Charge
VDS=15V, ID=12A,V =10V
Drain-Source Breakdown Voltage
VGS=0V, ID=250 uA
Gate-Source Threshold Voltage
VDS=VGS, ID=250 uA
Gate-Source Leakage Current
VDS=0V,VGS= 20V
Drain-Source On-Resistance
VGS=10V, ID=12A
On-State Drain Current
VDS=10V,VGS=10V
Forward Transconductance
VDS=15V, ID=12A
Static
Dynamic
Switching (3)
Characteristic
Symbol
Unit
Min
Typ
Max
V(BR)DSS
VGS (th)
rDS (on)
VSD
IGSS
IDSS
ID(on)
gfs
Ciss
Coss
Crss
td(on)
td(off)
Qg
Qgs
Qgd
30
-
V
1
1.6
3
V
-
-
-
-
-
1
100
nA
m
Ω
uA
A
S
6
7
8.5
11
3150
680
510
F
P
27
127.5
55.5
65
30.5
-
-
11
13
0.75
1.2
nS
nS
nS
nS
nc
nc
nc
V
-
13
-
Electrical Characteristics (TA=25 C Unless otherwise noted)
Zero Gate Voltage Drain Current
VDS=24V,VGS=0V
-
-
-
22
20
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Turn-On Delay Time
Turn-Off Time
(2)
(3)
+
+
-
-
-
-
Rise Time
t
t
Fall Time
f
r
Note:
2. Pulse Test : PW 300us, Duty Cycle 2%.
1. Surface Mounted on FR4 Board t 10sec.
3. Guaranteed by Design, not Subject to Production Testing.
VGS=4.5V, ID=10A
=10V,V =15V, ID=1A, RGEN=6Ω
DD
VGS
=10V,V =15V, ID=1A, RGEN=6Ω
DD
VGS
=10V,V =15V, ID=1A, RGEN=6Ω
DD
VGS
=10V,V =15V, ID=1A, RGEN=6Ω
DD
VGS
GS
GS
Gate-Source Charge
Gate-Drain Charge
VDS=15V, VGS=10V, ID=12A
VDS=15V, VGS=10V, ID=12A
Drain-Source Diode Forward Voltage
VGS=0V, IS=1.7A
<_
<_
<_
VDS=15V, ID=12A,V =4.5V
2/6
01-Aug-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com