Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F38 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F38
Description  Quad 2-input NAND buffer open collector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F38 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F38 Datasheet HTML 1Page - NXP Semiconductors 74F38 Datasheet HTML 2Page - NXP Semiconductors 74F38 Datasheet HTML 3Page - NXP Semiconductors 74F38 Datasheet HTML 4Page - NXP Semiconductors 74F38 Datasheet HTML 5Page - NXP Semiconductors 74F38 Datasheet HTML 6Page - NXP Semiconductors 74F38 Datasheet HTML 7Page - NXP Semiconductors 74F38 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F38
Quad 2-input NAND buffer (open collector)
October 4, 1990
4
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb to Qn
Waveform 1
7.5
1.5
10.0
3.0
12.5
5.0
7.5
1.5
13.0
5.5
7.5
1.5
14.5
6.0
ns
AC WAVEFORMS
VM
VM
VM
VM
Qn
Dna, Dnb
tPHL
tPLH
SF00005
Waveform 1.
Propagation delay for inverting outputs
NOTE:
For all waveforms, VM = 1.5V.
TYPICAL PROPAGATION DELAYS VERSUS LOAD FOR OPEN COLLECTOR OUTPUTS
0
2
4
6
8
10
12
14
16
18
0
100
200
300
400
500
600
tPHL
tPLH
Load resistor
(Ω)
SF00044
NOTE:
1
When using open collector parts, the value of the pull-up resistor greatly affects the value of the tPLH. For example, changing the specified
pull-up resistor value from 500
Ω to 100Ω will improve the tPLH up to 50% with only a slight increase in the tPHL. However, if the value of the
pull-up resistor is changed, the user must make certain that the total IOL current through the resistor and the total IIL’s of the receivers does
not exceed the IOL minimum specification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com