Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F381 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F381
Description  Arithmetic Logic Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F381 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F381 Datasheet HTML 1Page - NXP Semiconductors 74F381 Datasheet HTML 2Page - NXP Semiconductors 74F381 Datasheet HTML 3Page - NXP Semiconductors 74F381 Datasheet HTML 4Page - NXP Semiconductors 74F381 Datasheet HTML 5Page - NXP Semiconductors 74F381 Datasheet HTML 6Page - NXP Semiconductors 74F381 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
74F381
Arithmetic Logic Unit
1
1989 Mar 01
853–0418 95907
FEATURES
• Low-input loading minimizes drive requirements
• Performs six arithmetic and logic functions
• Selectable Low (clear) and High (preset) functions
• Carry Generate and Propagate outputs for use with Carry
look-ahead generator
DESCRIPTION
The 74F381 performs three arithmetic and three logic operations on
two 4-bit words, A and B. Three additional Select (S0–S2) input
codes force the Function outputs Low or High. Carry Propagate (P)
and Generate (G) ouputs are provided for use with the 74F182
Carry Look Ahead Generator for high-speed expansion to longer
word lengths. For ripple expansion, refer to the 74F382 ALU data
sheet.
Signals applied to the Select inputs (S0–S2) determine the mode of
operation, as indicated in the Function Select Table. An extensive
listing of input and output function levels is shown in the Function
Table. The circuit performs the arithmetic functions for either
active-HIgh or active-Low operands, with output levels in the same
convention. In the subtract operating modes, it is necessary to force
a Carry (High for active-HIgh operands, Low for active-Low
operands) into the Cn input of the least significant package. The
Carry Generate (G) and Carry Propagate (P) outputs supply input
signals to the 74F182 Carry look-ahead generator for expansion to
longer word length, as shown in Figure 1. Note that a 74F382 ALU is
used for the most significant package. Typical delays for Figure 1
are given in Table 1.
PIN CONFIGURATION
20
19
18
17
16
15
14
7
6
5
4
3
2
1
13
8
VCC
A1
B1
A0
B0
S0
S1
S2
F0
F1
GND
A2
B2
A3
B3
Cn
P
G
F3
F2
SF00921
12
9
11
10
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT (TOTAL)
74F381
6.5ns
59mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-pin plastic DIP
N74F381N
20-pin plastic SO
N74F381D
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A3
A operand inputs
1.0/4.0
20
µA/2.4mA
B0 – B3
A operand inputs
1.0/4.0
20
µA/2.4mA
S0 – S2
Function select inputs
1.0/1.0
20
µA/0.6mA
Cn
Carry input
1.0/4.0
20
µA/2.4mA
P
Carry Propagate ouptut (active-Low)
50/33
1.0mA/20mA
G
Carry Generate ouptut (active-Low)
50/33
1.0mA/20mA
F0–F3
Outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as 20
µA in the High state and 0.6mA in the Low state.


Similar Part No. - 74F381

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
74F381PC FAIRCHILD-74F381PC Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
74F381SC FAIRCHILD-74F381SC Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
74F381SJ FAIRCHILD-74F381SJ Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
More results

Similar Description - 74F381

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
4-BIT ARITHMETIC LOGIC UNIT
logo
NXP Semiconductors
74F181 PHILIPS-74F181 Datasheet
82Kb / 9P
Arithmetic logic unit
March 3, 1989
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
Arithmetic Logic Unit
1990 Jul 12
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
4-Bit Arithmetic Logic Unit
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
Motorola, Inc
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com