Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F382 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F382
Description  Arithmetic Logic Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F382 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F382 Datasheet HTML 4Page - NXP Semiconductors 74F382 Datasheet HTML 5Page - NXP Semiconductors 74F382 Datasheet HTML 6Page - NXP Semiconductors 74F382 Datasheet HTML 7Page - NXP Semiconductors 74F382 Datasheet HTML 8Page - NXP Semiconductors 74F382 Datasheet HTML 9Page - NXP Semiconductors 74F382 Datasheet HTML 10Page - NXP Semiconductors 74F382 Datasheet HTML 11Page - NXP Semiconductors 74F382 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F382
Arithmetic logic unit
1990 Jul 12
8
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Cn to Fn
Waveform 1
3.0
2.5
7.0
4.5
12.0
6.5
2.5
2.5
13.5
7.5
ns
tPLH
tPHL
Propagation delay
An or Bn to Fn
Waveform 1
3.5
3.0
8.0
6.0
13.5
10.0
3.5
2.5
17.0
11.0
ns
tPLH
tPHL
Propagation delay
Si to Fi
Waveform 1
5.5
5.5
9.0
7.5
15.0
10.5
5.5
5.5
16.0
12.0
ns
tPLH
tPHL
Propagation delay
Ai to Bi to Cn+4
Waveform 1
3.5
3.5
7.0
6.5
10.5
9.5
3.5
3.5
11.5
10.5
ns
tPLH
tPHL
Propagation delay
Si to OVR or Cn+4
Waveform 1
7.0
5.0
10.5
8.0
14.5
11.0
6.5
5.0
17.0
12.0
ns
tPLH
tPHL
Propagation delay
Cn to Cn+4
Waveform 1
3.0
3.5
4.5
5.0
6.0
6.5
2.5
3.5
6.5
7.0
ns
tPLH
tPHL
Propagation delay
Cn to OVR
Waveform 1
4.5
3.0
9.0
5.0
13.5
6.5
4.0
3.0
15.0
7.0
ns
tPLH
tPHL
Propagation delay
Ai or Bi to OVR
Waveform 1
6.0
3.5
9.0
6.5
12.5
9.0
5.5
3.5
16.5
10.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
VOUT
VIN
tPHL
tPLH
SF00940
Waveform 1. Propagation Delay for Non-Inverting
or Inverting paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com