Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5221B Datasheet(PDF) 2 Page - Weitron Technology

Part # ZMM5221B
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZMM5221B Datasheet(HTML) 2 Page - Weitron Technology

  ZMM5221B Datasheet HTML 1Page - Weitron Technology ZMM5221B Datasheet HTML 2Page - Weitron Technology ZMM5221B Datasheet HTML 3Page - Weitron Technology ZMM5221B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZMM5221B thru ZMM5262B
WEITRON
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Power Dissipation TA=75 C
Thermal Resistance Junction to Ambient Air(1)
Forward Voltage @ IF=200mA
Operation and Storage Temperature Range
V
C/W
NOTES:1.Valid Provided that Electrodes are Kept at Ambient Temperature.
C
R JA
WEITRON
http://www.weitron.com.tw
(1)
PD
VF
Tj,TSTG
Value
500
300
1.1
-65 to+175
mW
(TA=25 C Unless Otherwise Noted)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com