Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN6201Z Datasheet(PDF) 7 Page - Tachyonics CO,. LTD

Part # THN6201Z
Description  NPN SiGe RF TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN6201Z Datasheet(HTML) 7 Page - Tachyonics CO,. LTD

Back Button THN6201Z Datasheet HTML 3Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 4Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 5Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 6Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 7Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 8Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 9Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 10Page - Tachyonics CO,. LTD THN6201Z Datasheet HTML 11Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
THN6201 series
□ Common Emitter S-Parameter Data
at VCE = 3 V, IC = 3 mA
at VCE = 3 V, IC = 5 mA
at VCE = 3 V, IC = 7 mA
at VCE = 3 V, IC = 10 mA
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.721 / -74.320
0.628 / -97.230
0.568 / -115.746
0.545 / -130.082
0.539 / -138.346
0.525 / -146.486
0.526 / -154.296
0.522 / -161.767
0.527 / -167.520
0.531 / -173.286
0.543 / -179.430
0.558 / 174.973
0.570 / 169.493
0.573 / 163.887
S(2,1)
7.674 / 124.671
6.029 / 109.003
4.875 / 96.808
4.092 / 86.799
3.500 / 79.474
3.045 / 72.718
2.711 / 66.095
2.444 / 60.229
2.218 / 54.609
2.026 / 49.199
1.867 / 44.279
1.711 / 39.095
1.601 / 34.461
1.489 / 30.239
S(1,2)
0.087 / 47.485
0.102 / 38.269
0.108 / 33.171
0.110 / 30.846
0.110 / 30.941
0.110 / 32.551
0.111 / 35.091
0.114 / 38.568
0.118 / 42.504
0.125 / 46.362
0.134 / 49.856
0.146 / 52.609
0.159 / 54.647
0.174 / 55.940
S(2,2)
0.752 / -51.786
0.631 / -66.435
0.557 / -77.557
0.510 / -86.256
0.472 / -93.352
0.457 / -99.788
0.452 / -106.136
0.452 / -111.995
0.459 / -117.693
0.467 / -123.334
0.481 / -128.251
0.495 / -133.439
0.515 / -138.341
0.538 / -142.585
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.625 / -93.286
0.553 / -117.272
0.509 / -134.123
0.505 / -146.661
0.499 / -153.092
0.497 / -159.930
0.499 / -167.006
0.507 / -172.662
0.507 / -178.125
0.514 / 177.571
0.526 / 171.840
0.535 / 166.753
0.550 / 163.116
0.552 / 156.602
S(2,1)
10.071 / 116.261
7.487 / 101.985
5.888 / 91.468
4.857 / 82.720
4.124 / 76.582
3.559 / 70.760
3.157 / 64.962
2.839 / 59.552
2.571 / 54.446
2.348 / 49.510
2.161 / 45.010
1.993 / 40.480
1.863 / 35.896
1.739 / 32.056
S(1,2)
0.073 / 44.821
0.082 / 39.745
0.087 / 38.411
0.092 / 39.292
0.097 / 41.876
0.102 / 44.642
0.109 / 47.550
0.117 / 50.267
0.127 / 52.776
0.138 / 54.641
0.151 / 56.118
0.165 / 56.890
0.179 / 57.245
0.195 / 57.178
S(2,2)
0.630 / -62.456
0.509 / -76.633
0.444 / -86.884
0.407 / -94.738
0.375 / -101.236
0.366 / -107.023
0.365 / -112.802
0.370 / -118.084
0.378 / -123.218
0.390 / -128.304
0.405 / -132.709
0.421 / -137.351
0.443 / -141.715
0.466 / -145.556
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.569 / -108.075
0.517 / -130.055
0.482 / -144.374
0.484 / -156.364
0.488 / -162.230
0.491 / -167.969
0.493 / -173.725
0.504 / -179.510
0.500 / 176.627
0.504 / 171.962
0.520 / 166.886
0.536 / 162.388
0.545 / 158.321
0.552 / 152.684
S(2,1)
11.488 / 110.991
8.280 / 98.024
6.428 / 88.577
5.262 / 80.549
4.455 / 75.024
3.837 / 69.682
3.398 / 64.276
3.049 / 59.308
2.764 / 54.353
2.524 / 49.755
2.319 / 45.576
2.144 / 41.131
2.002 / 36.815
1.865 / 32.886
S(1,2)
0.063 / 44.612
0.071 / 42.644
0.078 / 43.799
0.085 / 46.066
0.092 / 49.097
0.101 / 51.822
0.111 / 54.147
0.122 / 55.955
0.134 / 57.377
0.147 / 58.181
0.160 / 58.717
0.175 / 58.625
0.190 / 58.322
0.206 / 57.736
S(2,2)
0.547 / -69.818
0.435 / -83.525
0.380 / -93.226
0.351 / -100.567
0.323 / -106.835
0.319 / -112.246
0.320 / -117.674
0.327 / -122.588
0.337 / -127.387
0.349 / -132.075
0.366 / -136.099
0.383 / -140.363
0.405 / -144.433
0.429 / -147.846
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.524 / -121.457
0.495 / -141.851
0.472 / -155.686
0.480 / -166.000
0.488 / -169.733
0.482 / -174.862
0.488 / -179.912
0.500 / 175.395
0.498 / 171.602
0.502 / 167.325
0.517 / 162.746
0.538 / 158.835
0.540 / 154.850
0.549 / 149.396
S(2,1)
12.757 / 105.688
8.964 / 94.205
6.884 / 85.816
5.613 / 78.560
4.740 / 73.582
4.071 / 68.705
3.601 / 63.601
3.228 / 58.940
2.924 / 54.340
2.668 / 49.884
2.456 / 46.002
2.266 / 41.722
2.124 / 37.592
1.981 / 33.832
S(1,2)
0.054 / 46.598
0.063 / 47.539
0.071 / 50.499
0.080 / 53.247
0.091 / 56.122
0.102 / 58.102
0.114 / 59.519
0.127 / 60.457
0.141 / 60.920
0.155 / 60.892
0.169 / 60.720
0.184 / 60.019
0.200 / 59.121
0.215 / 58.097
S(2,2)
0.461 / -77.818
0.365 / -90.973
0.322 / -100.100
0.301 / -107.077
0.279 / -113.099
0.278 / -118.071
0.283 / -123.118
0.291 / -127.540
0.302 / -131.982
0.316 / -136.269
0.333 / -139.936
0.350 / -143.784
0.373 / -147.459
0.397 / -150.538
www.tachyonics.co.kr
- 7/13 -
Aug.-2005
Rev 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com