Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP375..H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP375..H
Description  IR Receiver Modules for Remote Control Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP375..H Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP375..H Datasheet HTML 1Page - Vishay Siliconix TSOP375..H Datasheet HTML 2Page - Vishay Siliconix TSOP375..H Datasheet HTML 3Page - Vishay Siliconix TSOP375..H Datasheet HTML 4Page - Vishay Siliconix TSOP375..H Datasheet HTML 5Page - Vishay Siliconix TSOP375..H Datasheet HTML 6Page - Vishay Siliconix TSOP375..H Datasheet HTML 7Page - Vishay Siliconix TSOP375..H Datasheet HTML 8Page - Vishay Siliconix TSOP375..H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TSOP373..H, TSOP375..H
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 30-Mar-2021
5
Document Number: 82643
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
The TSOP373..H, TSOP375..H series is designed to
suppress
spurious
output
pulses
due
to
noise
or
disturbance signals. The devices can distinguish data
signals from noise due to differences in frequency, burst
length, and envelope duty cycle. The data signal should be
close
to
the
device’s
band-pass
center
frequency
(e.g. 38 kHz) and fulfill the conditions in the table below.
When a data signal is applied to the TSOP373..H,
TSOP375..H in the presence of a disturbance, the sensitivity
of the receiver is automatically reduced by the AGC to insure
that no spurious pulses are present at the receiver’s output.
Some examples which are suppressed are:
• DC light (e.g. from tungsten bulbs sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated patterns from fluorescent
lamps with electronic ballasts (see Fig. 13 or Fig. 14)
Fig. 13 - IR Signal from Fluorescent Lamp
With Low Modulation
Fig. 14 - IR Signal from Fluorescent Lamp
With High Modulation
Note
• For data formats with long bursts (more than 10 carrier cycles) please see the datasheet for TSOP372..H, TSOP374..H
16920
10
100
1000
10000
0
1
2
3
4
5
6
7
0
5
10
15
20
Axis Title
Time (ms)
16921
10
100
1000
10000
-60
-40
-20
0
20
40
0
5
10
15
20
Axis Title
Time (ms)
TSOP373..H
TSOP375..H
Minimum burst length
6 cycles/burst
6 cycles/burst
After each burst of length
a minimum gap time is required of
6 to 35 cycles
≥ 10 cycles
6 to 24 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
35 cycles
> 6 x burst length
24 cycles
> 25 ms
Maximum number of continuous short bursts/second
2000
2000
MCIR code
Preferred
Yes
RCMM code
Preferred
Yes
XMP-1, XMP-2 code
Preferred
Yes
Suppression of interference from fluorescent lamps
Mild and complex disturbance
patterns are suppressed (example:
signal pattern of Fig. 13 and 14)
Critical disturbance
patterns are suppressed,
e.g. highly dimmed LCDs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com