Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP-UART Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TP-UART Datasheet HTML 1Page - Siemens Semiconductor Group TP-UART Datasheet HTML 2Page - Siemens Semiconductor Group TP-UART Datasheet HTML 3Page - Siemens Semiconductor Group TP-UART Datasheet HTML 4Page - Siemens Semiconductor Group TP-UART Datasheet HTML 5Page - Siemens Semiconductor Group TP-UART Datasheet HTML 6Page - Siemens Semiconductor Group TP-UART Datasheet HTML 7Page - Siemens Semiconductor Group TP-UART Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
1
TECHNICAL DATA
EIB-TP-UART-IC
GENERAL DESCRIPTION
The TP - UART - IC (Twisted Pair - Universal Asynchronous Receive Transmit - IC) is a
transceiver which supports the connection of microcontrollers of sensors, actuators, or other
applications to the EIB (European - Installation - Bus).
This module supports every transmit- and receive - function and also the high ohmic decoupling
of energy from bus line. It generates further a stabilized 3.3V or 5V supply to use by a host
controller. Up to 256 subscribers can be connected to one bus line.
An UART interface is realized for communication with a host controller. The coupling can be
realized directly or via optical couplers.
The TP - UART - IC consists of two main parts: the digital part (UART - Interface) and the analog
part ( analog circuit part).
Features
• Signaling for standard UART (LSB-First,
Idle is 1)
• Baud rate 9600 or 19200 baud for the
communication:
TP - UART <--> Host - Controller
• Direct coupling to host controller (TxD,
RxD), or via optical couplers (optional)
• 2 - wire protocol with software handshake
• Buffering of send frames
• No critical timing during transmission
• 64 Byte telegram buffer
• Operating temperature range:
-25°C to 85°C
• Supervision of EIB bus voltage
VB -
Tx0
Rx IN
MODE 0
MODE 1
TEST MODE
X 1
X 2
TSTOUT
RxD
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
VB +
VSP
CSA
VCC
DIV
SAVE
TSTIN
VIF
RESn
TxD


Similar Part No. - TP-UART

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
331Kb / 2P
100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100A ASTRODYNE-TP-100A Datasheet
350Kb / 2P
100W Triple Output with PFC Function
More results

Similar Description - TP-UART

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
USB UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
BMS Transceiver IC - UART toiso UART
2020-05-20
TLE9015DQU INFINEON-TLE9015DQU Datasheet
967Kb / 26P
iso UART transceiver IC
Rev. 1.0 2022-01-24
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
USB UART IC
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com