Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F40 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F40
Description  Dual 4-input NAND buffer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F40 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F40 Datasheet HTML 1Page - NXP Semiconductors 74F40 Datasheet HTML 2Page - NXP Semiconductors 74F40 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Philips Semiconductors FAST Products
Product specification
74F40
Dual 4-input NAND buffer
1
April 11, 1989
853–0053 96314
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F40
3.5ns
6mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
14-pin plastic DIP
N74F40N
14-pin plastic SO
N74F40D
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
D1b
D1a
Q1
NC
D1d
D1c
D0a
D0b
Q0
NC
D0c
D0d
SF00065
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Dna, Dnb, Dnc, Dnd
Data inputs
1.0/2.0
20
µA/1.2mA
Q0, Q1
Data outputs
750/106.7
15mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
NC = Pin 3, 11
SF00081
Q0
6
1
2
4
D0a
D0b
D0c
5
D0d
Q1
8
9
10
12
D1a
D1b
D1c
13
D1d
FUNCTION TABLE
INPUTS
OUTPUT
Dna
Dnb
Dnc
Dnd
Qn
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
X
H
H
H
H
H
L
NOTES:
1. H = High voltage level
2. L = Low voltage level
3. X = Don’t care
LOGIC SYMBOL
D1a D1b
D0a D0b D0c
D1c D1d
D0d
Q0 Q1
6
8
1
2
4
5
9
10
12
13
VCC = Pin 14
GND = Pin 7
NC = Pin 3, 11
SF00082
IEC/IEEE SYMBOL
SF00083
&
6
8
1
2
4
5
9
10
12
13


Similar Part No. - 74F40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
Serial Data Polynomial Generator/Checker
logo
Fairchild Semiconductor
74F402 FAIRCHILD-74F402 Datasheet
63Kb / 9P
Serial Data Polynomial Generator/Checker
More results

Similar Description - 74F40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS40 MOTOROLA-SN54LS40 Datasheet
45Kb / 2P
DUAL 4-INPUT NAND BUFFER
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74S40 FAIRCHILD-DM74S40 Datasheet
33Kb / 3P
Dual 4-Input NAND Buffer
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
National Semiconductor ...
DM74LS40 NSC-DM74LS40 Datasheet
93Kb / 4P
Dual 4-Input NAND Buffer
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Motorola, Inc
MC74F40 MOTOROLA-MC74F40 Datasheet
28Kb / 2P
DUAL 4-INPUT NAND BUFFER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
DUAL 2-INPUT NAND BUFFER/DRIVER
Oct-2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com