Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATP22 Datasheet(PDF) 1 Page - C&K Components

Part # ATP22
Description  Anti-Vandal Sealed Pushbutton Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATP22 Datasheet(HTML) 1 Page - C&K Components

  ATP22 Datasheet HTML 1Page - C&K Components ATP22 Datasheet HTML 2Page - C&K Components ATP22 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A-140
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A
Third Angle
Projection
Features/Benefits
• Momentary or Lock version
• IP67 sealed & IK10 (Stainless steel bushing)
• Capable of up to 3A resistive load
• 50,000 life cycle at full load
• Various colors of LED illuminate indicator
• Choices of pushbutton with symbol on
spot, ring or power logo
Typical Applications
• Control Panels including
car park and traffic light
• Industrial Instruments
• Lifts / Escalator
• Communication equipment
• Alarm, safety and security
systems
Specifications
FUNCTION: Single pole and double poles
CONTACT ARRANGEMENT: N.O. and N.C.
MOUNTING TYPE: Threaded front panel mount
TORQUE FOR THREADED BODY: 5-14 Nm
Mechanical
OPERATING LIFE: Momentary 1,000,000 cycles
Self-lock 500,000 cycles
TOTAL TRAVEL: about 3.2 mm
OPERATING FORCE: 1 pole 2.5 ± 1N
2 pole 3.5 ± 1N
Electrical
CONTACT RATING: Ith 5A/250VAC
3A / 250VAC
3A / 28VDC
OPERATING LIFE: 50,000 make-and-break cycles at full load
DIELECTRIC STRENGTH: 2,000 V RMS @ sea level
INSULATION RESISTANCE: 1,000 MΩ min. @ 500 VDC
INITIAL CONTACT RESISTANCE : 50 mΩ max @1A 12VDC
Materials
BUSHING: Stainless steel / Aluminum alloy
BASE: PBT (UL 94-A0), PC (UL 94-V2)
ACTUATOR: PC; Stainless steel / Aluminum alloy
INTERNAL ASSEMBLY: POM / PA66
SPRING: Steel
SEALING / O-ring: Silicone
TERMINALS: Brass with silver or gold plated
CONTACT: Copper, silver plated
Operating Environment
OPERATING TEMPERATURE: -20˚C to +55˚C
SEALING / PROTECTION: IP67 / IK10 (Stainless steel bushing)
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
ATP22 Series
P
T
ATP22 Series
Anti-Vandal Sealed Pushbutton Switch
Actuator Style
S
Standard
Actuator Indicator
L0
Without LED
L3
Moving ring
L6
Ring LED
*
L7
Ring LED + power logo
**
L8
Ring LED + power logo
***
Illumination
LED voltage (20mA)
00
Without LED
03
3V
06
6V
12
12V
24
24V
36
36V
A1
110V AC
A2
220V AC
Termination
03
STD solder lug
W1
Wire lead 500mm
*****
W2
Wire lead 1,000mm
*****
Terminal plating
Q
Silver
G
Gold
Mechanical function
A
Momentary
E
Lock
A
Contact arrangement
S
SPDT
D
DPDT
2
2
* Available on ring color CAP of red/green/blue only
** Power logo and ring with clear color CAP available on double D-shape bushing only
*** Power logo and ring with red/green/blue color CAP available on double D-shape bushing only
**** Not available on L0/L3/L6 actuator indicator
***** Available upon request, please contact your sales representative for details
Color
Dual color
0 Without LED
A Red & Green
2 White
B Red & Blue
3 Red
D Blue & Yellow
5 Yellow
G Red & Yellow
6 Green
H Green & Yellow
7 Blue
J Orange & Green
Bushing type
B0
Stainless (Round)
B3
Al alloy: black anodized (Round)
M0
Stainless (Double D-shape)
****
5 May 21


Similar Part No. - ATP22

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATP220SM CTS-ATP220SM Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
ATP22ASM CTS-ATP22ASM Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
More results

Similar Description - ATP22

ManufacturerPart #DatasheetDescription
logo
GREATECS
PAV22 GREATECS-PAV22 Datasheet
207Kb / 1P
Anti-Vandal Pushbutton Switch - Mounting Hole 22mm
PAV25 GREATECS-PAV25 Datasheet
172Kb / 1P
Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
logo
List of Unclassifed Man...
AV090003A940N ETC-AV090003A940N Datasheet
1Mb / 31P
Anti-vandal and security pushbutton switches
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
C&K Components
ATPS19 CK-COMPONENTS-ATPS19 Datasheet
581Kb / 3P
Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
ATPS22 CK-COMPONENTS-ATPS22 Datasheet
712Kb / 3P
Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com