Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP Datasheet(PDF) 1 Page - C&K Components

Part # GP
Description  Sealed Ultraminiature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

GP Datasheet(HTML) 1 Page - C&K Components

  GP Datasheet HTML 1Page - C&K Components GP Datasheet HTML 2Page - C&K Components GP Datasheet HTML 3Page - C&K Components GP Datasheet HTML 4Page - C&K Components GP Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A-77
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
GP Series
Sealed Ultraminiature Pushbutton Switches
Features/Benefits
• Ultraminiature design saves space
• Process compatible, withstands most
soldering and washing processes
• Thru-hole and surface mount models
available
• Sealed construction—internal o-ring
and epoxy base
• RoHS compliant
Typical Applications
• Telecommunications and
network equipment
• Computers and peripheral products
• Instrumentation
• Medical Applications
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: Below 50 mΩ typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –40ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
PACKAGING: Surface mount switches standard in anti-static tape
and reel packaging per EIA 481-3, see page A-80 for drawings
and reel information. Thru-Hole parts are shipped in trays.
All models are RoHS compliant and compliant.
Materials
HOUSING & BASE: Glass filled nylon 4/6, flame retardant, heat
stabilized (UL 94V-0).
ACTUATOR: Glass filled nylon 4/6, flame retardant (UL 94V-0)
with standard internal o-ring seal.
SWITCH SUPPORT: Brass, tin plated.
MOVABLE CONTACT: Copper alloy, with gold plate over nickel plate.
STATIONARY CONTACTS Copper alloy, with gold plate over
nickel plate.
TERMINALS: Copper alloy, with gold flash over nickel plate.
TERMINAL SEAL: Epoxy/Urethane. All terminals insert molded.
NOTE: Any models supplied with B contact material are RoHS compliant and compatible.
NOTE: Materials listed above are general specifications. Specifications available for
specific and custom switches, consult Customer Service Center.
CAUTION: PC mounting layouts and pads as shown are designed to be compatible with the
latest equipment and reflow techniques. Care should be taken in the design and location of
PC lands to suit individual needs. Orientation relative to reflow direction may significantly
impact solder joint integrity.
How To Order
Part number list is shown below. For individual part details, please refer to the following pages.
Part Number
(Part Description)
Product Details
GP11MCBE
SPST Mom. PC Thru-hole, without support bracket
GP12MCBE
SPDT Mom. PC Thru-hole, without support bracket
GP11MABE
SPST Mom. PC Thru-hole, with vertical support bracket
GP12MABE
SPDT Mom. PC Thru-hole, with vertical support bracket
GP11MSABE
SPST Mom. SMT, with vertical support bracket
GP12MSABE
SPDT Mom. SMT, with vertical support bracket
GP11MSA1BE
SPST Mom. SMT, Half-Pitch, with vertical support bracket
GP12MSA1BE
SPDT Mom. SMT, Half-Pitch, with vertical support bracket
GP12MSCBE
SPDT Mom. SMT, without support bracket
GP11MSV1BE
SPST Mom. SMT, with horizontal support bracket
GP12MSV1BE
SPDT Mom. SMT, with horizontal support bracket
MOM. = Momentary
2 Mar 22


Similar Description - GP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
GS01MCBE ITT-GS01MCBE Datasheet
230Kb / 2P
Sealed Ultraminiature Slide Switches
GT11MCBE ITT-GT11MCBE Datasheet
565Kb / 5P
Sealed Ultraminiature Toggle Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
GT11MCXE CK-COMPONENTS-GT11MCXE Datasheet
410Kb / 5P
Sealed Ultraminiature Toggle Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
GS01MCBE CK-COMPONENTS-GS01MCBE Datasheet
223Kb / 2P
Sealed Ultraminiature Slide Switches
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
Sealed Ultraminiature Toggle Switches
GS CK-COMPONENTS-GS Datasheet
390Kb / 3P
Sealed Ultraminiature Slide Switches
16 Mar 22
GT CK-COMPONENTS-GT Datasheet
847Kb / 6P
Sealed Ultraminiature Toggle Switches
4 Mar 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com